Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIP4086AABZ Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4086AABZ
Description  80V, 500mA, 3-Phase MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4086AABZ Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4086AABZ Datasheet HTML 1Page - Intersil Corporation HIP4086AABZ Datasheet HTML 2Page - Intersil Corporation HIP4086AABZ Datasheet HTML 3Page - Intersil Corporation HIP4086AABZ Datasheet HTML 4Page - Intersil Corporation HIP4086AABZ Datasheet HTML 5Page - Intersil Corporation HIP4086AABZ Datasheet HTML 6Page - Intersil Corporation HIP4086AABZ Datasheet HTML 7Page - Intersil Corporation HIP4086AABZ Datasheet HTML 8Page - Intersil Corporation HIP4086AABZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
HIP4086, HIP4086A
5
FN4220.9
February 1, 2013
Absolute Maximum Ratings (Note 7)
Thermal Information
Supply Voltage, VDD Relative to GND. . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3v to VDD + 0.3V
Voltage on xHS . . . . . . . . . . . . . . -6V (Transient) to 85V (-40°C to +150°C)
Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHS +VDD
Voltage on xLO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS - 0.3V to VDD +0.3V
Voltage on xHO . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS - 0.3V to VxHB +0.3V
Phase slew rate (on xHS). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
Maximum Recommended Operating
Conditions
Supply Voltage, VDD Relative to GND. . . . . . . . . . . . . . . . . . . . . . . 7V to 15V
Logic Inputs (xLI, xHI) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to VDD
Voltage on xHB . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VxHS + VDD
Voltage on xHS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0V to 80V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +125°C
Junction Temperature Range . . . . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Thermal Resistance (Typical)
θJA (°C/W) θJC (°C/W)
SOIC Package (Notes 4, 6) . . . . . . . . . . . . .
75
22
SOIC Package HIP4086AABZ (Notes 5, 6)
51
22
PDIP* Package (Notes 4, 6) . . . . . . . . . . . .
70
29
Storage Temperature Range. . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Operating Junction Temp Range . . . . . . . . . . . . . . . . . . . .-40°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
*Pb-free PDIPs can be used for through-hole wave solder processing only.
They are not intended for use in Reflow solder processing applications.
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
θJA is measured with the component mounted on a low effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
5.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
6. For
θJC, the “case temp” location is taken at the package top center.
7. Replace x with A, B, or C.
DC Electrical Specifications VDD = VxHB = 12V, VSS = VxHS = 0V, RDEL = 20k, RUV = , Gate Capacitance (CGATE) = 1000pF,
unless otherwise specified. Boldface limits apply over the operating junction temperature range, -40°C to +150°C.
PARAMETER
TEST CONDITIONS
TJ = +25°C
TJ = -40°C TO +150°C
UNITS
MIN
(Note 9)
TYP
MAX
(Note 9)
MIN
(Note 9)
MAX
(Note 9)
SUPPLY CURRENTS
VDD Quiescent Current
xHI = 5V, xLI = 5V (HIP4086)
2.7
3.4
4.2
2.1
4.3
mA
xHI = 5V, xLI = 5V (HIP4086A)
2.3
2.4
2.6
2.1
2.7
mA
VDD Operating Current
f = 20kHz, 50% Duty Cycle (HIP4086)
6.3
8.25
10.5
511
mA
f = 20kHz, 50% Duty Cycle (HIP4086A)
3.1
3.6
4.1
2.8
4.4
mA
xHB On Quiescent Current
xHI = 0V (HIP4086)
-
40
80
-
100
µA
xHI = 0V (HIP4086A)
80
100
200
µA
xHB Off Quiescent Current
xHI = VDD (HIP4086)
0.6
0.8
1.3
0.5
1.4
mA
xHI = VDD (HIP4086A)
0.8
0.9
1
0.7
1.2
mA
xHB Operating Current
f = 20kHz, 50% Duty Cycle (HIP4086)
0.7
0.9
1.3
-
2.0
mA
f = 20kHz, 50% Duty Cycle (HIP4086A)
0.8
0.9
1
-
1.2
mA
xHB, xHS Leakage Current
VxHS = 80V, VxHB = 93V
7
24
45
-
50
µA
Charge Pump, HIP4086 only, (Note 8)
QPUMP Output Voltage
No Load
11.5
12.5
14
10.5
14.5
V
QPUMP Output Current
VxHS = 12V, VxHB = 22V
50
100
130
-
140
µA
UNDERVOLTAGE PROTECTION
VDD Rising Undervoltage Threshold
RUV open
6.2
7.1
8.0
6.1
8.1
V
VDD Falling Undervoltage Threshold
RUV open
5.75
6.6
7.5
5.6
7.6
V
Minimum Undervoltage Threshold
RUV = VDD
5
6.2
6.8
4.9
6.9
V
INPUT PINS: ALI, BLI, CLI, AHI, BHI, CHI, AND DIS
Low Level Input Voltage
-
-
1.0
-
0.8
V


Similar Part No. - HIP4086AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086AABZ INTERSIL-HIP4086AABZ Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
More results

Similar Description - HIP4086AABZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
logo
Renesas Technology Corp
HIP4086 RENESAS-HIP4086 Datasheet
777Kb / 17P
   80V, 500mA, 3-Phase MOSFET Driver
logo
Intersil Corporation
HIP4086AB INTERSIL-HIP4086AB Datasheet
536Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver
March 27, 2015
HIP4086 INTERSIL-HIP4086_11 Datasheet
486Kb / 16P
   80V, 500mA, 3-Phase MOSFET Driver 1.25A peak turn-off current
logo
IXYS Corporation
IXA531 IXYS-IXA531 Datasheet
368Kb / 11P
   500mA 3-Phase Bridge Driver
logo
Monolithic Power System...
MP46885 MPS-MP46885 Datasheet
233Kb / 10P
   80V Input, 500mA High Power LED Driver
logo
Intersil Corporation
HIP4084 INTERSIL-HIP4084 Datasheet
639Kb / 6P
   80V, 0.50A Four Phase Driver
HIP4086 INTERSIL-HIP4086 Datasheet
75Kb / 9P
   80V, 0.5A Three Phase Driver
HIP4086 INTERSIL-HIP4086_04 Datasheet
227Kb / 9P
   80V, 0.5A Three Phase Driver
logo
Allegro MicroSystems
A4915 ALLEGRO-A4915 Datasheet
1Mb / 17P
   3-Phase MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com