Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWPXA270C5E416 Datasheet(PDF) 1 Page - Intel Corporation

Part # FWPXA270C5E416
Description  Intel짰 PXA270 Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWPXA270C5E416 Datasheet(HTML) 1 Page - Intel Corporation

  FWPXA270C5E416 Datasheet HTML 1Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 2Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 3Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 4Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 5Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 6Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 7Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 8Page - Intel Corporation FWPXA270C5E416 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Intel® PXA270 Processor
Electrical, Mechanical, and Thermal Specification
Data Sheet
High-performance processor:
— Intel XScale® microarchitecture with
Intel® Wireless MMX™ Technology
— 7 Stage pipeline
— 32 KB instruction cache
— 32 KB data cache
— 2 KB “mini” data cache
— Extensive data buffering
256 Kbytes of internal SRAM for high
speed code or data storage preserved
during low-power states
High-speed baseband processor interface
(Mobile Scalable Link)
Rich serial peripheral set:
— AC’97 audio port
—I
2S audio port
— USB Client controller
— USB Host controller
— USB On-The-Go controller
— Three high-speed UARTs (two with
hardware flow control)
— FIR and SIR infrared communications
port
Hardware debug features — IEEE JTAG
interface with boundary scan
Hardware performance-monitoring
features with on-chip trace buffer
Real-time clock
Operating-system timers
LCD Controller
Universal Subscriber Identity Module
interface
Low power:
— Wireless Intel Speedstep® Technology
— Less than 500 mW typical internal
dissipation
— Supply voltage may be reduced to
0.85 V
— Four low-power modes
— Dynamic voltage and frequency
management
High-performance memory controller:
— Four banks of SDRAM: up to 104 MHz
@ 2.5V, 3.0V, and 3.3V I/O interface
— Six static chip selects
— Support for PCMCIA and Compact
Flash
— Companion chip interface
Flexible clocking:
— CPU clock from 104 to 624 MHz
— Flexible memory clock ratios
— Frequency changes
— Functional clock gating
Additional peripherals for system
connectivity:
— SD Card / MMC Controller (with SPI
mode support)
— Memory Stick card controller
— Three SSP controllers
—Two I
2C controllers
— Four pulse-width modulators (PWMs)
— Keypad interface with both direct and
matrix keys support
— Most peripheral pins double as GPIOs
Order Number 280002-006


Similar Part No. - FWPXA270C5E416

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-1000A COOPER-FWP-1000A Datasheet
750Kb / 20P
   High Speed Fuses
FWP-1000A COOPER-FWP-1000A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-1000A COOPER-FWP-1000A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-100A COOPER-FWP-100A Datasheet
50Kb / 2P
   FWP 700V 5-1200A
FWP-100A22F COOPER-FWP-100A22F Datasheet
43Kb / 2P
   20-100A, 700 Volts
More results

Similar Description - FWPXA270C5E416

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
GENE-1270B AAEON-GENE-1270B Datasheet
324Kb / 2P
   Marvell짰 PXA270 Processor
AOP-8070HT AAEON-AOP-8070HT Datasheet
353Kb / 2P
   Marvell짰 XScale PXA270 Low Power Processor
GENE-1270 AAEON-GENE-1270 Datasheet
343Kb / 2P
   RISC CPU Board With Marvell PXA270 Processor
logo
List of Unclassifed Man...
GA-P31-S3G ETC1-GA-P31-S3G Datasheet
4Mb / 84P
   LGA775 socket motherboard for Intel짰 CoreTM processor family/ Intel짰 Pentium짰 processor family/Intel짰 Celeron짰 processor family
logo
Axiomtek Co., Ltd.
CEM313 AXIOMTEK-CEM313 Datasheet
269Kb / 1P
   Intel짰 Pentium짰 processor N4200 & Celeron짰 processor
logo
Advantech Co., Ltd.
SOM-A2709 ADVANTECH-SOM-A2709 Datasheet
383Kb / 2P
   SOM with Marvell XScale PXA270 processor Windows CE 5.0
logo
AAEON Technology
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
logo
Intel Corporation
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
AAEON Technology
AEC-6612A AAEON-AEC-6612A Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com