Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CH80566EE014DT Datasheet(PDF) 9 Page - Intel Corporation

Part # CH80566EE014DT
Description  Intel짰 Atom??Processor Z5xx? Series
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

CH80566EE014DT Datasheet(HTML) 9 Page - Intel Corporation

Back Button CH80566EE014DT Datasheet HTML 5Page - Intel Corporation CH80566EE014DT Datasheet HTML 6Page - Intel Corporation CH80566EE014DT Datasheet HTML 7Page - Intel Corporation CH80566EE014DT Datasheet HTML 8Page - Intel Corporation CH80566EE014DT Datasheet HTML 9Page - Intel Corporation CH80566EE014DT Datasheet HTML 10Page - Intel Corporation CH80566EE014DT Datasheet HTML 11Page - Intel Corporation CH80566EE014DT Datasheet HTML 12Page - Intel Corporation CH80566EE014DT Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 73 page
background image
Introduction
Datasheet
9
1.3
Terminology
Term
Definition
#
A “#” symbol after a signal name refers to an active low signal, indicating
a signal is in the active state when driven to a low level. For example,
when RESET# is low, a reset has been requested. Conversely, when NMI
is high, a non-maskable interrupt has occurred. In the case of signals
where the name does not imply an active state but describes part of a
binary sequence (such as address or data), the “#” symbol implies that
the signal is inverted. For example, D[3:0] = “HLHL” refers to a hex ‘A’,
and D[3:0]# = “LHLH” also refers to a hex “A” (H= High logic level,
L= Low logic level).
Front Side Bus
(FSB)
Refers to the interface between the processor and system core logic (also
known as the Intel® SCH chipset components).
AGTL+
Advanced Gunning Transceiver Logic is used to refer to Assisted GTL+
signaling technology on some Intel processors.
Intel® Burst
Performance
Technology
(Intel® BPT)
Enables on-demand performance, without impacting or raising MID
thermal design point.
BFM
Burst Frequency Mode
CMOS
Complementary Metal-Oxide Semiconductor
Storage
Conditions
Refers to a non-operational state—the processor may be installed in a
platform, in a tray, or loose. Processors may be sealed in packaging or
exposed to free air. Under these conditions, processor landings should
not be connected to any supply voltages, or have any I/Os biased, or
receive any clocks. Upon exposure to “free air” (that is, unsealed
packaging or a device removed from packaging material) the processor
must be handled in accordance with moisture sensitivity labeling (MSL)
as indicated on the packaging material.
Enhanced Intel
SpeedStep®
Technology
Technology that provides power management capabilities to low power
devices.
Processor Core
Processor core die with integrated L1 and L2 cache. All AC timing and
signal integrity specifications are at the pads of the processor core.
Intel
Virtualization
Technology
Processor virtualization which when used in conjunction with Virtual
Machine Monitor software enables multiple, robust independent software
environments inside a single platform.
TDP
Thermal Design Power
VCC
The processor core power supply.
VR
Voltage Regulator
VSS
The processor ground
VCCHFM
VCC at Highest Frequency Mode (HFM)
VCCLFM
VCC at Lowest Frequency Mode (LFM)


Similar Part No. - CH80566EE014DT

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
CH80566EE014DT INTEL-CH80566EE014DT Datasheet
1,009Kb / 73P
   Intel Atom Processor
More results

Similar Description - CH80566EE014DT

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
AEC-6523 AAEON-AEC-6523 Datasheet
284Kb / 2P
   Intel짰 Atom??N2600 Processor
EPC-CV1 AAEON-EPC-CV1 Datasheet
426Kb / 2P
   Intel짰 Atom??Processor N2600
AEC-6612A AAEON-AEC-6612A Datasheet
229Kb / 2P
   Intel짰 Atom??D510 Processor
AEC-6612B AAEON-AEC-6612B Datasheet
271Kb / 2P
   Intel짰 Atom??D525 Processor
logo
Intel Corporation
STCK1A8LFC INTEL-STCK1A8LFC Datasheet
312Kb / 4P
   Quad-core Intel짰 Atom??processor
logo
AAEON Technology
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
logo
List of Unclassifed Man...
IPPC12A7-RE ETC2-IPPC12A7-RE Datasheet
246Kb / 1P
   Dual-Core Intel짰 Atom??Processor D2550
logo
Advantech Co., Ltd.
SOM-3565 ADVANTECH-SOM-3565_15 Datasheet
829Kb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
SOM-3565 ADVANTECH-SOM-3565 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N2600 Qseven CPU Module
logo
AAEON Technology
TKS-G21-9455B AAEON-TKS-G21-9455B Datasheet
550Kb / 2P
   Intel짰 Atom??N270 Processor With 1.6 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com