Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YC324-JK-074K7L Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # YC324-JK-074K7L
Description  This specification describes YC324 series chip resistor arrays with lead-free terminations made by thick film process.
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

YC324-JK-074K7L Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  YC324-JK-074K7L Datasheet HTML 1Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 2Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 3Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 4Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 5Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 6Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 7Page - List of Unclassifed Manufacturers YC324-JK-074K7L Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SERIES
YC
324 (RoHS Compliant)
Chip Resistor Surface Mount
www.yageo.com
Oct 01, 2008 V.2
Product specification
5
8
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
MLB206_2
70
100
55
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
155
P
handbook, halfpage
FUNCTIONAL DESCRIPTION
P
PO
OW
WE
ER
R R
RA
AT
TIIN
NG
G
YC 324 rated power at 70 °C is 1/8 W
RATED VOLTAGE
The DC or AC (rms) continuous working voltage
corresponding to the rated power is determined by
the following formula:
V=√(P X R)
or max. working voltage whichever is less
Where
V=Continuous rated DC or
AC (rms) working voltage (V)
P=Rated power (W)
R=Resistance value (X)
Fig. 5 Maximum dissipation (P) in percentage of rated power as a
function of the operating ambient temperature (Tamb)
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
YC324
Embossed taping reel (K)
7" (178 mm)
4,000 units
NOTE
1. For embossed tape and reel specification/dimensions, please see the special data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
YC324 1/8 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
200 V
Maximum Overload Voltage
500 V
Dielectric Withstanding Voltage
500 V
Number of Resistors
4
5% (E24) 10 Ω to 1 MΩ
Resistance Range
1% (E24/E96) 10 Ω to 1 MΩ
Temperature Coefficient
±200 ppm/°C
Table 2


Similar Part No. - YC324-JK-074K7L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YC324-JK-071KL ETC2-YC324-JK-071KL Datasheet
322Kb / 8P
   This specification describes YC324 series chip resistor arrays with lead-free terminations made by thick film process.
More results

Similar Description - YC324-JK-074K7L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
YC324-JK-071KL ETC2-YC324-JK-071KL Datasheet
322Kb / 8P
   This specification describes YC324 series chip resistor arrays with lead-free terminations made by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0402FR-073KL ETC2-RC0402FR-073KL Datasheet
309Kb / 9P
   This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-072M2L ETC2-RC0603FR-072M2L Datasheet
764Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-075K1L ETC2-RC0603FR-075K1L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com