Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0603H4 Datasheet(PDF) 1 Page - Protek Devices

Part # PF0603H4
Description  HIGH INRUSH fus es
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PF0603H4 Datasheet(HTML) 1 Page - Protek Devices

  PF0603H4 Datasheet HTML 1Page - Protek Devices PF0603H4 Datasheet HTML 2Page - Protek Devices PF0603H4 Datasheet HTML 3Page - Protek Devices PF0603H4 Datasheet HTML 4Page - Protek Devices PF0603H4 Datasheet HTML 5Page - Protek Devices PF0603H4 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05421.R0 6/13
Page 1
PF0603H Series
HIGH INRUSH FUSeS
DeScRIPtIoN
The PF0603H Series are high inrush chip fuses that are designed to protect consumer electronics, computers and
telecommincations equipment and devices from the risk of fire or shock caused by over-currents.
The PF0603F Series is available in a rugged ceramic and glass package. These devices have excellent environmental
performance.
FeatUReS
• High Inrush Current Withstanding Capability
• Compatible with Reflow and Wave Solder
• Excellent Environmental Performance
• RoHS & REACH Compliant
• Halogen-Free Material
• Life Test: MIL-STD-202, Method 108A
• Humidity Bias: MIL-STD-202, Method 103
• Moisture Resistance Test: MIL-STD-202, Method 106G
• Thermal Shock: MIL-STD-202, Method 107G
• Terminal Strength Test: AEC-Q200-005 Appendix 2(Note 1mm Min)
• Board Flex: AEC-Q200-005, Appendix 2 (1mm Min)
• Vibration: MIL-STD-202, Method 204D
• Mechanical Shock: MIL-STD-202, Method 213B
• Solderability: ANSI/J-STD-002
• Resistance to Solder Heat: MIL-STD-202, Method 210A
• Resistance to Solvents Test: MIL-STD-202, Method 215A
aPPlIcatIoNS
• Telecommications Equipment - DSL/Cable Modems
• SMART Phones and other Handheld Devices
• Computers - Laptops, Desktops, Servers
• Computer Peripherials - Printers, LCD Panels, Scanners
• Consumer Electronics - DVD Player, MP3/4 Player
MecHaNIcal cHaRacteRIStIcS
• Ceramic and Glass Package
• Approximate Weight: ?? grams
• Lead-Free
• Soldering Method
Wave Soldering: 260°C, 10s Max
Reflow Soldering: 260°C, 30s Max
electRIcal cHaRacteRIStIcS
aMPeRe RatING
% oF aMP RatING
oPeNING tIMe
1A-5A
100%
4 Hours Minimum
1A-5A
200%
1 ~ 60 Seconds
1A-5A
1000%
0.0002 ~ 0.02 Seconds
FUSe


Similar Part No. - PF0603H4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
More results

Similar Description - PF0603H4

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PF1206H PROTEC-PF1206H Datasheet
480Kb / 6P
   HIGH INRUSH fus es
logo
GOOD-ARK Electronics
S0603H GOOD-ARK-S0603H Datasheet
272Kb / 2P
   High inrush
logo
Protek Devices
PF1206H PROTEC-PF1206H_15 Datasheet
482Kb / 6P
   HIGH INRUSH FUSES
PF0603H PROTEC-PF0603H_15 Datasheet
477Kb / 6P
   HIGH INRUSH FUSES
logo
Copal Electronics
ELE120AY-3-Z COPAL-ELE120AY-3-Z Datasheet
224Kb / 2P
   High Inrush Lever Switches
logo
Schurter Inc.
FIZ SCHURTER-FIZ_V02 Datasheet
201Kb / 2P
   Insulation Cover for FIZ, FUL,FUS
04.01.2022
logo
Copal Electronics
SL220SD-15-Z COPAL-SL220SD-15-Z Datasheet
175Kb / 1P
   High Inrush Lever Switches
logo
Bourns Electronic Solut...
SF-2410HI-T BOURNS-SF-2410HI-T Datasheet
533Kb / 7P
   High Inrush SMD Fuses
SF-1206HIXXXM BOURNS-SF-1206HIXXXM_19 Datasheet
383Kb / 6P
   High Inrush Multilayer Surface Mount Fuses
logo
Tyco Electronics
MSR MACOM-MSR_05 Datasheet
174Kb / 3P
   High inrush currents with AgSnO contacts
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com