Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805FR-07360KL Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RC0805FR-07360KL
Description  This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0805FR-07360KL Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RC0805FR-07360KL Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0805FR-07360KL Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Product specification
Chip Resistor Surface Mount
4
10
www.yageo.com
Sep 03, 2004 V.2
SERIES
RC
0805 (Pb Free)
FOOTPRINT AND SOLDERING
PROFILES
For recommended footprint and
soldering profiles, please see the
special data sheet “Chip resistors
mounting”.
ENVIRONMENTAL DATA
For material declaration
information (IMDS-data) of the
products, please see the
separated info “Environmental
data”.
ELECTRICAL CHARACTERISTICS
CHARACTERISTICS
RC0805 1/8 W
Operating Temperature Range
–55 °C to +155 °C
Maximum Working Voltage
150 V
Maximum Overload Voltage
300 V
Dielectric Withstanding Voltage
300 V
5% (E24) 1 Ω to 22 MΩ
1% (E96) 1 Ω to 10 MΩ
Resistance Range
Zero Ohm Jumper < 0.05 Ω
10 Ω < R ≤ 10 MΩ
±100 ppm/°C
Temperature Coefficient
R ≤ 10 Ω; R > 10 MΩ
±200 ppm/°C
Rated Current
2.0 A
Jumper Criteria
Maximum Current
5.0 A
PACKING STYLE AND PACKAGING QUANTITY
PRODUCT TYPE
PACKING STYLE
REEL DIMENSION
QUANTITY PER REEL
RC0805
Paper / PE Taping Reel (R)
7" (178 mm)
5,000 units
10" (254 mm) / not preferred
10,000 units
13" (330 mm)
20,000 units
NOTE
1. For Paper/PE tape and reel specification/dimensions, please see the special data sheet “Packing” document.
Table 3 Packing style and packaging quantity
Table 2


Similar Part No. - RC0805FR-07360KL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
RC0805FR-0731K6L INFINEON-RC0805FR-0731K6L Datasheet
967Kb / 30P
   iMOTION Modular Application Design Kit
Revision 1.2 2018-09-23
logo
YAGEO Corporation
RC0805FR-07330RL YAGEO-RC0805FR-07330RL Datasheet
223Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-0733KL YAGEO-RC0805FR-0733KL Datasheet
315Kb / 9P
   DATA SHEET GENERAL PURPOSE CHIP RESISTORS RC0805 RoHS compliant
logo
List of Unclassifed Man...
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
More results

Similar Description - RC0805FR-07360KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0805FR-078K87L ETC2-RC0805FR-078K87L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-071KL ETC2-RC0805FR-071KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072K7L ETC2-RC0805FR-072K7L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com