Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN4N5B80 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN4N5B80
Description  Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN4N5B80 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQW15AN4N5B80 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW15AN4N5B80 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
2
RF Inductors (Coils)
2013.7.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Inductance
test frequency
Rated current
Max. of DC resistance
Q (min.)
Q test frequency
Self resonance
frequency (min.)
LQW15AN2N8B80
p
2.8nH
±0.1nH
100MHz
1500mA
0.047
Ω
27
250MHz
13.5GHz
LQW15AN2N8C80
p
2.8nH
±0.2nH
100MHz
1500mA
0.047
Ω
27
250MHz
13.5GHz
LQW15AN2N8D80
p
2.8nH
±0.5nH
100MHz
1500mA
0.047
Ω
27
250MHz
13.5GHz
LQW15AN2N9B80
p
2.9nH
±0.1nH
100MHz
1500mA
0.047
Ω
25
250MHz
12.5GHz
LQW15AN2N9C80
p
2.9nH
±0.2nH
100MHz
1500mA
0.047
Ω
25
250MHz
12.5GHz
LQW15AN2N9D80
p
2.9nH
±0.5nH
100MHz
1500mA
0.047
Ω
25
250MHz
12.5GHz
LQW15AN3N3B80
p
3.3nH
±0.1nH
100MHz
2000mA
0.03
Ω
30
250MHz
14GHz
LQW15AN3N3C80
p
3.3nH
±0.2nH
100MHz
2000mA
0.03
Ω
30
250MHz
14GHz
LQW15AN3N3D80
p
3.3nH
±0.5nH
100MHz
2000mA
0.03
Ω
30
250MHz
14GHz
LQW15AN3N4B80
p
3.4nH
±0.1nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N4C80
p
3.4nH
±0.2nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N4D80
p
3.4nH
±0.5nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N5B80
p
3.5nH
±0.1nH
100MHz
1950mA
0.030
Ω
30
250MHz
10.0GHz
LQW15AN3N5C80
p
3.5nH
±0.2nH
100MHz
1950mA
0.030
Ω
30
250MHz
10.0GHz
LQW15AN3N5D80
p
3.5nH
±0.5nH
100MHz
1950mA
0.030
Ω
30
250MHz
10.0GHz
LQW15AN3N6B80
p
3.6nH
±0.1nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N6C80
p
3.6nH
±0.2nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N6D80
p
3.6nH
±0.5nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN3N7B80
p
3.7nH
±0.1nH
100MHz
1950mA
0.030
Ω
35
250MHz
10.0GHz
LQW15AN3N7C80
p
3.7nH
±0.2nH
100MHz
1950mA
0.030
Ω
35
250MHz
10.0GHz
LQW15AN3N7D80
p
3.7nH
±0.5nH
100MHz
1950mA
0.030
Ω
35
250MHz
10.0GHz
LQW15AN3N8B80
p
3.8nH
±0.1nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN3N8C80
p
3.8nH
±0.2nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN3N8D80
p
3.8nH
±0.5nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN3N9B80
p
3.9nH
±0.1nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN3N9C80
p
3.9nH
±0.2nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN3N9D80
p
3.9nH
±0.5nH
100MHz
1950mA
0.030
Ω
35
250MHz
10GHz
LQW15AN4N0B80
p
4.0nH
±0.1nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN4N0C80
p
4.0nH
±0.2nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN4N0D80
p
4.0nH
±0.5nH
100MHz
1950mA
0.030
Ω
30
250MHz
10GHz
LQW15AN4N1B80
p
4.1nH
±0.1nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N1C80
p
4.1nH
±0.2nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N1D80
p
4.1nH
±0.5nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N2B80
p
4.2nH
±0.1nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N2C80
p
4.2nH
±0.2nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N2D80
p
4.2nH
±0.5nH
100MHz
1800mA
0.044
Ω
30
250MHz
9.6GHz
LQW15AN4N4B80
p
4.4nH
±0.1nH
100MHz
1600mA
0.052
Ω
34
250MHz
9.6GHz
LQW15AN4N4C80
p
4.4nH
±0.2nH
100MHz
1600mA
0.052
Ω
34
250MHz
9.6GHz
LQW15AN4N4D80
p
4.4nH
±0.5nH
100MHz
1600mA
0.052
Ω
34
250MHz
9.6GHz
LQW15AN4N5B80
p
4.5nH
±0.1nH
100MHz
1450mA
0.06
Ω
34
250MHz
9.6GHz
LQW15AN4N5C80
p
4.5nH
±0.2nH
100MHz
1450mA
0.06
Ω
34
250MHz
9.6GHz
LQW15AN4N5D80
p
4.5nH
±0.5nH
100MHz
1450mA
0.06
Ω
34
250MHz
9.6GHz
LQW15AN4N7B80
p
4.7nH
±0.1nH
100MHz
1200mA
0.071
Ω
31
250MHz
8GHz
LQW15AN4N7C80
p
4.7nH
±0.2nH
100MHz
1200mA
0.071
Ω
31
250MHz
8GHz
LQW15AN4N7D80
p
4.7nH
±0.5nH
100MHz
1200mA
0.071
Ω
31
250MHz
8GHz
Operating temperature range (Self-temperature rise is not included): -55
∼125℃
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN4N5B80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN4N5B80 MURATA-LQW15AN4N5B80 Datasheet
81Kb / 2P
   Inductance
LQW15AN4N5B80B MURATA-LQW15AN4N5B80B Datasheet
81Kb / 2P
   Inductance
LQW15AN4N5B80D MURATA-LQW15AN4N5B80D Datasheet
81Kb / 2P
   Inductance
More results

Similar Description - LQW15AN4N5B80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com