Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0805FR-078K87L Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # RC0805FR-078K87L
Description  This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0805FR-078K87L Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button RC0805FR-078K87L Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 9Page - List of Unclassifed Manufacturers RC0805FR-078K87L Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Product specification
Chip Resistor Surface Mount
6
10
www.yageo.com
Sep 03, 2004 V.2
SERIES
RC
0805 (Pb Free)
10 1
1
MBD588
10
3
1
10
102
10 2
10 3
10 4
10 5
10 6
10 1
Pmax
(W)
single pulse
t /t =1000
pi
t (s)
i
Fig. 7 Pulse on a regular basis for type: RC0805; maximum permissible peak pulse power as a function of pulse duration for single
pulse and repetitive pulse tp/ti = 1000
600
200
0
400
MLB722
10 1
1
10 2
10 3
10 4
10 5
10 6
Vmax
(V)
t (s)
i
Fig. 8 Pulse on a regular basis for type: RC0805; maximum permissible peak pulse voltage as a function of pulse duration


Similar Part No. - RC0805FR-078K87L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC0805FR-078K87L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0805FR-071KL ETC2-RC0805FR-071KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072K7L ETC2-RC0805FR-072K7L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-07360KL ETC2-RC0805FR-07360KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com