Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIMP151 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HIMP151
Description  UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HIMP151 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HIMP151_11 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HIMP151_11 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-45-
H HiTRON
UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
AC-DC MEDICAL & ITE APPLICATION INTERNAL OPEN FRAME
SWITCHING POWER SUPPLIES 150 WATTS SINGLE, DUAL,
TRIPLE & QUAD OUTPUT HIMP151 SERIES
FEATURES:
5” X 3” X 1.38” COMPACT SIZE
ACCOMMODATE UNIVERSAL AC INPUT
MEET IEC 61000-3-2 HARMONIC
CORRECTION
EMI MEET CISPR EN 55022/EN 55011 &
FCC CLASS B CONDUCTED
MEET UNIVERSAL SAFETY STANDARDS
CE MARKING COMPLIANCE
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: Typical 90-264Vac with PFC.
Input Connector: Molex connector or equivalent.
Input Frequency: 47-63Hz.
Inrush Current: 9.3-11.3Arms at 230Vac.
Input Current: Typical 2.2A at 115Vac, 0.9A at 230Vac.
Dielectric Withstand: Meet IEC 60950-1/IEC60601-1.
EMI: Meet CISPR EN 55022 & FCC Class B conducted.
Meet CISPR EN 55011 & FCC Class B conducted.
Hold-up Time: Typical 90mS at 115Vac & 230Vac.
Power Factor & Harmonic Correction:
Meet IEC 61000-3-2, PF typical 0.99 at full load.
Over Temperature Protection: Installed.
Leakage Current: 0.40-0.50mA at 230Vac touch current.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Connector: Molex connector or equivalent.
Output Wattage: Max. 150 Watts.
Line Regulation: Typical 1.0%.
Load Regulation: Single O/P VO1 ±3.0%.
Dual O/P VO1 ±3.0% VO2 ±1.0%
Triple O/P VO1 ± 3.0% (± 8% for 3.3V), VO2/VO3 ±3.0%.
Quad O/P VO1/VO2/VO3/VO4 ±3.0%
Noise & Ripple: Typical 1.0-2.0% peak to peak.
OVP: Built-in at VO1 and VO2.
Adjustability: Available at VO1 and VO2.
Overload Protection (OLP):
Fully protected against output overload and short circuit.
OLP set at about 125-150% rating output wattage.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typical 76-80%. (various with output)
Switching Frequency: 68K Hz.
Circuit Topology: Single Fixed Frequency Forward circuit.
Dual/Triple/Quad: Fixed Freq. Flyback circuit.
Transient Response: Output voltage returns in less than
14.8-25.2mS following a 25% load change.
Safety Standard: IEC 60950-1 Class I for ITE use.
IEC 60601-1 Class I for Medical use.
Operating Temperature: 0 to +50°C under 30 CFM
forced air cooling for full load.
Storage Temperature: -20 to +85°C.
Cooling: Requested 30 CFM/650LFM forced air flow for
full load.
Construction: 4.5”x2.5“x1.2” PCB format.
Power Density: 6.52-7.24 Watts / Cubic Inch.
NOTE: (1)All measurement are at nominal input, full load and +25°C unless otherwise specifications.
(2)Due to requests in market and advances in technology, specifications subject to change without notification.
For the details of safety approval, please consult the factory
.


Similar Part No. - HIMP151_11

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIMP151-D050I HITRON-HIMP151-D050I Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP151-D050M HITRON-HIMP151-D050M Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP151-D120I HITRON-HIMP151-D120I Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP151-D150K HITRON-HIMP151-D150K Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
HIMP151-Q050KKE HITRON-HIMP151-Q050KKE Datasheet
250Kb / 3P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC MEDICAL AND IEC APPLICATION OPEN FRAME SINGLE & MULTI-OUTPUT 150 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HIMP151_11

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP300 HITRON-HVP300 Datasheet
131Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HVP600 HITRON-HVP600 Datasheet
128Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP150G HITRON-HEMP150G Datasheet
54Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HEMP250G HITRON-HEMP250G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
HVP950 HITRON-HVP950 Datasheet
129Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION(PFC)
HEMP252G HITRON-HEMP252G Datasheet
84Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION (PFC)
logo
Total Power Internation...
TPVP-93 TOTAL-POWER-TPVP-93 Datasheet
382Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION
TPPU-100 TOTAL-POWER-TPPU-100 Datasheet
393Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION
TPPU60 TOTAL-POWER-TPPU60 Datasheet
391Kb / 2P
   UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC
TPVP-200 TOTAL-POWER-TPVP-200 Datasheet
403Kb / 2P
   UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com