Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66301-1.8TA5R Datasheet(PDF) 9 Page - Gamma Microelectronics Inc.

Part # GM66301-1.8TA5R
Description  3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66301-1.8TA5R Datasheet(HTML) 9 Page - Gamma Microelectronics Inc.

Back Button GM66301-1.8TA5R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 12Page - Gamma Microelectronics Inc. GM66301-1.8TA5R Datasheet HTML 13Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
2010/3/2
GM66300 Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Electrical Characteristics:
Unless otherwise specified: TJ = 25°C, Bold values are guaranteed across the full operating temperature range.
Parameter
Condition
Symbol
Min
Typ
Max
Unit
IO = 10mA
-1
1
Output Voltage
10mA ≤ IO ≤ 3.0A,
VOUT + 1V ≤ VIN ≤ 8V
VOUT
-2
2
%
Line Regulation
IO = 10mA,
VOUT + 1V ≤ VIN ≤ 8V
∆VOI
0.06
0.5
%
Load Regulation
VIN = VOUT + 1V,
10mA ≤ IO ≤ 3A
∆VOL
0.2
1.0
%
Output Temperature
Coefficient
(Note 5)
∆VOUT/ ∆T
20
100
ppm/
IO = 100mA
65
200
IO = 750A
185
IO = 1.5A
250
Dropout Voltage (Note
6, Note 9)
∆VOUT = -1%
IO = 3.0A
VDO
385
550
mV
IO = 750mA, VIN = VOUT + 1V
10
20
IO = 1.5A, VIN = VOUT + 1V
17
Ground Current (Note 7)
IO = 1.5A, VIN = VOUT + 1V
IGND
45
mA
Ground Pin Current at
Dropout
VIN = 0.5V less than specified
VOUT,
IO = 10mA
IGNDDO
6
mA
Current Limit
VOUT = 0V, VIN = VOUT + 1V
ICL
4.5
A
Enable Input GM66301/GM66302
Low (Off)
0.8
Input Logic
Voltage
High (On)
2.5
V
15
30
VEN = 2.5V
75
2
Enable Pin Input Current
VEN = 0.8V
IEN
4
µA
10
Regulator Output
Current in Shutdown
(Note 8)
IOSD
20
µA
Flag Output (GM66301)
0.01
1
Output Leakage Current
VOH = 16V
IFLG(leak)
2
µA
220
300
Output Low Voltage
VIN = 2.5V, IOL = 250µA, Note 9
VFLG(do)
400
mV
Low Threshold
% of VOUT
93
High Threshold
% of VOUT
99.2
Hysteresis
VFLG
1
%


Similar Part No. - GM66301-1.8TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66301-1.8TA5R GAMMA-GM66301-1.8TA5R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66301-1.8TA5R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com