Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66300-5.0TA3TG Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM66300-5.0TA3TG
Description  3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66300-5.0TA3TG Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM66300-5.0TA3TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66300-5.0TA3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2010/3/2
GM66300 Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
www.gammamicro.com.tw
Features
3.0A minimum guaranteed output current
500mV maximum dropout voltage over
temperature, which is ideal for 3.0V to 2.5V
conversion and 2.5V to 1.8V conversion.
1% initial accuracy
Low ground current
Current limiting and Thermal shutdown
Reversed-battery protection
Reversed-leakage protection
Fast transient response
Error flag output (GM66301 only)
Adjustable version (GM66302 only)
Application
Description
The GM66300, GM66301 and GM66302 are
3.0A, low dropout linear voltage regulators that
provide a low voltage, high-current output with a
minimum of external components. Utilizing
proprietary Super beta PNP pass element, the
GM66300/1/2 offers extremely low dropout
(typically 400mV at 3.0A) and low ground current
(typically 36mA at 3.0A).
The GM66300/1/2 is ideal for PC add-in cards
that need to convert from standard 3.3V to 2.5V
or 2.5V to 1.8V. A guaranteed maximum dropout
voltage of 500mV over all operating conditions
allows the GM66300/1/2 to provide 2.5V from a
supply as low as 3V, and 1.8V from a supply as
low as 2.5V. The GM66300/1/2 also has fast
transient response for heavy switching
applications. The device requires only 47µF of
output capacitance to maintain stability and
achieve fast transient response.
The GM66300/1/2 is fully protected with over
current limiting, thermal shutdown,
reversed-battery protection, reversed-leakage
protection, and reversed-lead insertion. The
GM66301 offers a TTL-logic compatible enable
pin and an error flag that indicates under voltage
and over current conditions. Offered in fixed
voltages, the GM66300/1 comes in the TO-220
and TO-263 packages and is an ideal upgrade to
older, NPN-based linear voltage regulators.
The GM66302 is adjustable version, with On/Off
feature.
PC Add-in Cards
High Efficiency Linear Power Supplies
Multi-media and PC Processor Supplies
Low Voltage Microcontrollers
Automotive Electronics
Typical Application Circuits
GM66300-2.5
VIN
VOUT
Gnd
VIN
3.3V
VOUT
2.5V
47uF
VOUT
Gnd
VIN
3.3V
VOUT
2.5V
47uF
GM66302
VIN
VOUT
Gnd
VIN
VOUT
47uF
Flag
Enable
Error Flag Output
Enable
Shutdown
Adj
GM66301-2.5
1.0uF
Enable
Enable
Shutdown


Similar Part No. - GM66300-5.0TA3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300-1.8TA3R GAMMA-GM66300-1.8TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TA3T GAMMA-GM66300-1.8TA3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TB3T GAMMA-GM66300-1.8TB3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-2.5TA3R GAMMA-GM66300-2.5TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-2.5TA3T GAMMA-GM66300-2.5TA3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66300-5.0TA3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com