Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66300-5.0TA3R Datasheet(PDF) 6 Page - Gamma Microelectronics Inc.

Part # GM66300-5.0TA3R
Description  3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66300-5.0TA3R Datasheet(HTML) 6 Page - Gamma Microelectronics Inc.

Back Button GM66300-5.0TA3R Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM66300-5.0TA3R Datasheet HTML 10Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
GM66300 Series
3.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Ordering Information – Pb Free
Ordering Number
Output Voltage
Package
Shipping
GM66301
GM66301-1.8TA5T
1.8V
5L-TO-263
50 Units/Tube
GM66301-1.8TA5R
1.8V
5L-TO-263
800 Units / Reel
GM66301-1.8TB5T
1.8V
5L-TO-220
50 Units/Tube
GM66301-2.5TA5T
2.5V
5L-TO-263
50 Units/Tube
GM66301-2.5TA5R
2.5V
5L-TO-263
800 Units / Reel
GM66301-2.5TB5T
2.5V
5L-TO-220
50 Units/Tube
GM66301-3.3TA5T
3.3V
5L-TO-263
50 Units/Tube
GM66301-3.3TA5R
3.3V
5L-TO-263
800 Units / Reel
GM66301-3.3TB5T
3.3V
5L-TO-220
50 Units/Tube
GM66301-5.0TA5T
5.0V
5L-TO-263
50 Units/Tube
GM66301-5.0TA5R
5.0V
5L-TO-263
800 Units / Reel
GM66301-5.0TB5T
5.0V
5L-TO-220
50 Units/Tube
Ordering Information – Green Product
Ordering Number
Output Voltage
Package
Shipping
GM66301
GM66301-1.8TA5TG
1.8V
TO-263-5
50 Units/Tube
GM66301-1.8TA5RG
1.8V
TO-263-5
800 Units / Reel
GM66301-1.8TB5TG
1.8V
TO-220-5
50 Units/Tube
GM66301-2.5TA5TG
2.5V
TO-263-5
50 Units/Tube
GM66301-2.5TA5RG
2.5V
TO-263-5
800 Units / Reel
GM66301-2.5TB5TG
2.5V
TO-220-5
50 Units/Tube
GM66301-3.3TA5TG
3.3V
TO-263-5
50 Units/Tube
GM66301-3.3TA5RG
3.3V
TO-263-5
800 Units / Reel
GM66301-3.3TB5TG
3.3V
TO-220-5
50 Units/Tube
GM66301-5.0TA5TG
5.0V
TO-263-5
50 Units/Tube
GM66301-5.0TA5RG
5.0V
TO-263-5
800 Units / Reel
GM66301-5.0TB5TG
5.0V
TO-220-5
50 Units/Tube


Similar Part No. - GM66300-5.0TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66300-1.8TA3R GAMMA-GM66300-1.8TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TA3T GAMMA-GM66300-1.8TA3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-1.8TB3T GAMMA-GM66300-1.8TB3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-2.5TA3R GAMMA-GM66300-2.5TA3R Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
GM66300-2.5TA3T GAMMA-GM66300-2.5TA3T Datasheet
346Kb / 11P
   3A ULTRA LOW-DROPOUT REGULATOR
More results

Similar Description - GM66300-5.0TA3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM6610X GAMMA-GM6610X Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com