Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402FR-073KL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RC0402FR-073KL
Description  This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RC0402FR-073KL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RC0402FR-073KL Datasheet HTML 1Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 2Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 3Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 4Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 5Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 6Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 7Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 8Page - List of Unclassifed Manufacturers RC0402FR-073KL Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DATA SHEET
GENERAL PURPOSE CHIP RESISTORS
RC0402
5%, 1%
RoHS compliant & Halogen Free


Similar Part No. - RC0402FR-073KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402FR-073K01P YAGEO-RC0402FR-073K01P Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
logo
Texas Instruments
RC0402FR-073K09L TI-RC0402FR-073K09L Datasheet
3Mb / 16P
[Old version datasheet]   evaluation of the features of the TAS5548 PWM digital audio processor.
logo
YAGEO Corporation
RC0402FR-073K3P YAGEO-RC0402FR-073K3P Datasheet
546Kb / 10P
   Chip Resistor Surface Mount
May. 11, 2022 V.4
More results

Similar Description - RC0402FR-073KL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC0402FR-0747RL ETC2-RC0402FR-0747RL Datasheet
309Kb / 9P
   This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process.
RC0402JR-0730KL ETC2-RC0402JR-0730KL Datasheet
309Kb / 9P
   This specification describes RC0402 series chip resistors with lead-free terminations made by thick film process
RC0603FR-0749R9L ETC2-RC0603FR-0749R9L Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-072R2L ETC2-RC0805FR-072R2L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206JR-075R6L ETC2-RC1206JR-075R6L Datasheet
433Kb / 9P
   This specification describes RCI206 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-073K4L ETC2-RC0805FR-073K4L Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC0805FR-0710KL ETC2-RC0805FR-0710KL Datasheet
223Kb / 10P
   This specification describes RC0805 series chip resistors with lead-free terminations made by thick film process.
RC1206FR-0722KL ETC2-RC1206FR-0722KL Datasheet
433Kb / 9P
   This specification describes SCI206 series chip resistors with lead-free terminations made by thick film process
RC0603FR-072KL ETC2-RC0603FR-072KL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
RC0603FR-07100RL ETC2-RC0603FR-07100RL Datasheet
402Kb / 9P
   This specification describes RC0603 series chip resistors with lead-free terminations made by thick film process.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com