Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN2N3C80 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN2N3C80
Description  Inductance
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN2N3C80 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  LQW15AN2N3C80 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LQW15AN2N3C80 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it
may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
3
RF Inductors (Coils)
2013.7.8
oThis data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
Continued from the preceding page.
Part Number
Inductance
Inductance
test frequency
Rated current
Max. of DC resistance
Q (min.)
Q test frequency
Self resonance
frequency (min.)
LQW15AN4N8B80
p
4.8nH
±0.1nH
100MHz
1200mA
0.071
Ω
30
250MHz
8GHz
LQW15AN4N8C80
p
4.8nH
±0.2nH
100MHz
1200mA
0.071
Ω
30
250MHz
8GHz
LQW15AN4N8D80
p
4.8nH
±0.5nH
100MHz
1200mA
0.071
Ω
30
250MHz
8GHz
LQW15AN4N9B80
p
4.9nH
±0.1nH
100MHz
1200mA
0.071
Ω
27
250MHz
8GHz
LQW15AN4N9C80
p
4.9nH
±0.2nH
100MHz
1200mA
0.071
Ω
27
250MHz
8GHz
LQW15AN4N9D80
p
4.9nH
±0.5nH
100MHz
1200mA
0.071
Ω
27
250MHz
8GHz
LQW15AN5N0B80
p
5nH
±0.1nH
100MHz
1770mA
0.04
Ω
32
250MHz
10GHz
LQW15AN5N0C80
p
5nH
±0.2nH
100MHz
1770mA
0.04
Ω
32
250MHz
10GHz
LQW15AN5N0D80
p
5nH
±0.5nH
100MHz
1770mA
0.04
Ω
32
250MHz
10GHz
LQW15AN5N1B80
p
5.1nH
±0.1nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N1C80
p
5.1nH
±0.2nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N1D80
p
5.1nH
±0.5nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N2B80
p
5.2nH
±0.1nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N2C80
p
5.2nH
±0.2nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N2D80
p
5.2nH
±0.5nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N3B80
p
5.3nH
±0.1nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N3C80
p
5.3nH
±0.2nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N3D80
p
5.3nH
±0.5nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N4B80
p
5.4nH
±0.1nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N4C80
p
5.4nH
±0.2nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N4D80
p
5.4nH
±0.5nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N5B80
p
5.5nH
±0.1nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N5C80
p
5.5nH
±0.2nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N5D80
p
5.5nH
±0.5nH
100MHz
1770mA
0.04
Ω
35
250MHz
8GHz
LQW15AN5N6B80
p
5.6nH
±0.1nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N6C80
p
5.6nH
±0.2nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N6D80
p
5.6nH
±0.5nH
100MHz
1770mA
0.040
Ω
35
250MHz
8GHz
LQW15AN5N7B80
p
5.7nH
±0.1nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N7C80
p
5.7nH
±0.2nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N7D80
p
5.7nH
±0.5nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N8B80
p
5.8nH
±0.1nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N8C80
p
5.8nH
±0.2nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N8D80
p
5.8nH
±0.5nH
100MHz
1770mA
0.040
Ω
30
250MHz
8GHz
LQW15AN5N9B80
p
5.9nH
±0.1nH
100MHz
1770mA
0.04
Ω
30
250MHz
8GHz
LQW15AN5N9C80
p
5.9nH
±0.2nH
100MHz
1770mA
0.04
Ω
30
250MHz
8GHz
LQW15AN5N9D80
p
5.9nH
±0.5nH
100MHz
1770mA
0.04
Ω
30
250MHz
8GHz
LQW15AN6N0B80
p
6.0nH
±0.1nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N0C80
p
6.0nH
±0.2nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N0D80
p
6.0nH
±0.5nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N1B80
p
6.1nH
±0.1nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N1C80
p
6.1nH
±0.2nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N1D80
p
6.1nH
±0.5nH
100MHz
1600mA
0.056
Ω
32
250MHz
8GHz
LQW15AN6N2B80
p
6.2nH
±0.1nH
100MHz
1600mA
0.056
Ω
33
250MHz
8GHz
LQW15AN6N2C80
p
6.2nH
±0.2nH
100MHz
1600mA
0.056
Ω
33
250MHz
8GHz
LQW15AN6N2D80
p
6.2nH
±0.5nH
100MHz
1600mA
0.056
Ω
33
250MHz
8GHz
Operating temperature range (Self-temperature rise is not included): -55
∼125℃
Only for reflow soldering.
Continued on the following page.


Similar Part No. - LQW15AN2N3C80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN2N3C80 MURATA-LQW15AN2N3C80 Datasheet
80Kb / 2P
   Inductance
LQW15AN2N3C80B MURATA-LQW15AN2N3C80B Datasheet
80Kb / 2P
   Inductance
LQW15AN2N3C80D MURATA-LQW15AN2N3C80D Datasheet
80Kb / 2P
   Inductance
More results

Similar Description - LQW15AN2N3C80

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com