Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLK106 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLK106
Description  Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
Download  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLK106 Datasheet(HTML) 5 Page - Texas Instruments

  TLK106 Datasheet HTML 1Page - Texas Instruments TLK106 Datasheet HTML 2Page - Texas Instruments TLK106 Datasheet HTML 3Page - Texas Instruments TLK106 Datasheet HTML 4Page - Texas Instruments TLK106 Datasheet HTML 5Page - Texas Instruments TLK106 Datasheet HTML 6Page - Texas Instruments TLK106 Datasheet HTML 7Page - Texas Instruments TLK106 Datasheet HTML 8Page - Texas Instruments TLK106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
TLK105
TLK106
www.ti.com
SLLSEB8A – AUGUST 2012 – REVISED MARCH 2013
This document describes signals that take on different names depending on configuration. In such cases,
the different names are placed together and separated by slash (/) characters. For example, "RXD_3 /
PHYAD4". Active low signals are represented by overbars.
2.2
Serial Management Interface (SMI)
PIN
TYPE
DESCRIPTION
NAME
NO.
MANAGEMENT DATA CLOCK: Clock signal for the management data input/output (MDIO) interface. The
MDC
20
I
maximum MDC rate is 25MHz; there is no minimum MDC rate. MDC is not required to be synchronous to the
TX_CLK or the RX_CLK.
MANAGEMENT DATA I/O: Bidirectional command / data signal synchronized to MDC. Either the local
MDIO
19
I/O
controller or the TLK10x may drive the MDIO signal. This pin requires a pull-up resistor with value 2.2k
Ω.
2.3
MAC Data Interface
PIN
TYPE
DESCRIPTION
NAME
NO.
MII TRANSMIT CLOCK: MII Transmit Clock provides the 25MHz or 2.5MHz reference clock
depending on the speed. Note that in MII mode, this clock has constant phase referenced to
TX_CLK
2
O, PD
REF_CLK. Applications requiring such constant phase may use this feature.
Unused in RMII mode. In RMII, X1 reference clock is used as the clock for both transmit and
receive.
TRANSMIT ENABLE: TX_EN is presented on the rising edge of the TX_CLK . TX_EN
TX_EN
3
I, PD
indicates the presence of valid data inputs on TXD[3:0] in MII mode, and on TXD [1:0] in the
RMII mode. TX_EN is an active high signal.
TXD_0
4
TRANSMIT DATA: In MII mode, the transmit data nibble received from the MAC is
TXD_1
5
I, PD
synchronous to the rising edge of the TX_CLK signal. In RMII mode, TXD [1:0] received from
TXD_2
6
the MAC is synchronous to the 50MHz reference clock on XI.
TXD_3
7
RECEIVE CLOCK: In MII mode it is the receive clock that provides either a 25MHz or 2.5MHz
RX_CLK
25
O
reference clock, depending on the speed, that is derived from the received data stream.
RECEIVE DATA VALID: This pin indicates valid data is present on the RXD [3:0] for MII mode
RX_DV / MII_MODE
26
S, O, PD
or on RXD [1:0] for RMII mode, independently from Carrier Sense.
RECEIVE ERROR: This pin indicates that an error symbol has been detected within a received
packet in both MII and RMII mode. In MII mode, RX_ER is asserted high synchronously to
RX_ER / AMDIX_EN
28
S, O, PU
RX_CLK and in RMII mode, synchronously to XI (50MHz). This pin is not required to be used
by the MAC, in either MII or RMII, because the PHY is corrupting data on a receive error.
RECEIVE DATA: Symbols received on the cable are decoded and presented on these pins
synchronous to RX_CLK. They contain valid data when RX_DV is asserted. A nibble RXD [3:0]
RXD_0 / PHYAD1
30
is received in the MII mode and 2-bits RXD[1:0] is received in the RMII Mode.
RXD_1 / PHYAD2
31
S, O, PD
RXD_2 / PHYAD3
32
PHY address pins PHYAD[4:1] are multiplexed with RXD [3:0], and are pulled down. PHYAD0
RXD_3 / PHYAD4
1
(LSB of the address) is multiplexed with COL on pin 29, and is pulled up.
If no external pullup/pulldown is present, the default address is 0x01.
CARRIER SENSE: In MII mode this pin is asserted high when the receive medium is non-idle.
CRS / CRS_DV/
27
S, O, PU
LED_CFG
CARRIER SENSE/RECEIVE DATA VALID: In RMII mode, this pin combines the RMII Carrier
and Receive Data Valid indications.
COLLISION DETECT: For MII mode in Full Duplex Mode this pin is always low. In 10Base-
COL / PHYAD0
29
S, O, PU T/100Base-TX half-duplex modes, this pin is asserted HIGH only when both transmit and
receive media are non-idle. This pin is not used in RMII mode.
Copyright © 2012–2013, Texas Instruments Incorporated
Pin Descriptions
5
Submit Documentation Feedback
Product Folder Links: TLK105 TLK106


Similar Part No. - TLK106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK106 TI1-TLK106 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK106L TI1-TLK106L Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106LRHBR TI1-TLK106LRHBR Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106LRHBT TI1-TLK106LRHBT Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK106RHBR TI1-TLK106RHBR Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
More results

Similar Description - TLK106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLK105L TI1-TLK105L Datasheet
1Mb / 105P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer Transceiver
TLK110 TI1-TLK110 Datasheet
1Mb / 104P
[Old version datasheet]   Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK105 TI1-TLK105_16 Datasheet
1Mb / 104P
[Old version datasheet]   TLK105 TLK106 Industrial Temp, Single Port 10/100Mbs Ethernet Physical Layer
TLK111 TI1-TLK111_14 Datasheet
1Mb / 110P
[Old version datasheet]   PHYTER짰 Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK111 TI1-TLK111 Datasheet
1Mb / 109P
[Old version datasheet]   TLK111 PHYTER Industrial Temperature 10/100Mbs Ethernet Physical Layer Transceiver
TLK100 TI-TLK100_11 Datasheet
876Kb / 88P
[Old version datasheet]   Industrial Temp, Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I Datasheet
2Mb / 82P
   Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
Texas Instruments
DP83848I TI1-DP83848I_14 Datasheet
1Mb / 97P
[Old version datasheet]   PHYTER Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
National Semiconductor ...
DP83848I NSC-DP83848I_08 Datasheet
2Mb / 84P
   PHYTER짰 - Industrial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
logo
List of Unclassifed Man...
DM9101 ETC1-DM9101 Datasheet
264Kb / 43P
   10/100Mbps Ethernet Physical Layer Single Chip Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com