Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQG15HS3N6S02p Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # LQG15HS3N6S02p
Description  Chip Inductor (Chip Coil) for High Frequency Multilayer Type LQG15HS Series (0402 Size)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQG15HS3N6S02p Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  LQG15HS3N6S02p Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQG15HS3N6S02p Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Continued from the preceding page.
http://www.murata.com/
Data Sheet
! Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
2
o This data sheet is applied for CHIP INDUCTORS (CHIP COILS) used for General Electronics equipment for your design.
2010.9.9
Inductors (Coils) > Chip Inductor (Chip Coil) > for High Frequency Multilayer Type
Part Number
Inductance
Test Frequency
Rated Current
Max. of DC resistance
Q (min.) Test Frequency
Self Resonance Frequency (min.)
LQG15HS9N1J02p
9.1nH
±5%
100MHz
300mA
0.26ohm
8
100MHz
3400MHz
LQG15HS10NJ02p
10nH
±5%
100MHz
300mA
0.26ohm
8
100MHz
3400MHz
LQG15HS12NJ02p
12nH
±5%
100MHz
300mA
0.28ohm
8
100MHz
3000MHz
LQG15HS15NJ02p
15nH
±5%
100MHz
300mA
0.32ohm
8
100MHz
2500MHz
LQG15HS18NJ02p
18nH
±5%
100MHz
300mA
0.36ohm
8
100MHz
2200MHz
LQG15HS22NJ02p
22nH
±5%
100MHz
300mA
0.42ohm
8
100MHz
1900MHz
LQG15HS27NJ02p
27nH
±5%
100MHz
300mA
0.46ohm
8
100MHz
1700MHz
LQG15HS33NJ02p
33nH
±5%
100MHz
200mA
0.58ohm
8
100MHz
1600MHz
LQG15HS39NJ02p
39nH
±5%
100MHz
200mA
0.65ohm
8
100MHz
1200MHz
LQG15HS47NJ02p
47nH
±5%
100MHz
200mA
0.72ohm
8
100MHz
1000MHz
LQG15HS56NJ02p
56nH
±5%
100MHz
200mA
0.82ohm
8
100MHz
800MHz
LQG15HS68NJ02p
68nH
±5%
100MHz
180mA
0.92ohm
8
100MHz
800MHz
LQG15HS82NJ02p
82nH
±5%
100MHz
150mA
1.2ohm
8
100MHz
700MHz
LQG15HSR10J02p
100nH
±5%
100MHz
150mA
1.25ohm
8
100MHz
600MHz
LQG15HSR12J02p
120nH
±5%
100MHz
150mA
1.3ohm
8
100MHz
600MHz
LQG15HSR15J02p
150nH
±5%
100MHz
140mA
2.99ohm
8
100MHz
550MHz
LQG15HSR18J02p
180nH
±5%
100MHz
130mA
3.38ohm
8
100MHz
500MHz
LQG15HSR22J02p
220nH
±5%
100MHz
120mA
3.77ohm
8
100MHz
450MHz
LQG15HSR27J02p
270nH
±5%
100MHz
110mA
4.94ohm
8
100MHz
400MHz
0
20
40
60
80
100
1000
10000
Frequency (MHz)
120nH
1.0nH
3.3nH
10nH
22nH
56nH
270nH
1
0.1
10
100
1000
100
1000
10000
Frequency (MHz)
3.3nH
1.0nH
10nH
22nH
56nH
120nH
270nH
Operating Temperature Range: -55
°C to +125°C
Only for reflow soldering.
I Q-Frequency Characteristics (Typ.)
I Inductance-Frequency Characteristics (Typ.)
!Caution (Rating)
Do not use products beyond the rated current as
this may create excessive heat.
Notice
Solderability of Tin plating termination chip might be
deteriorated when low temperature soldering profile
where peak solder temperature is below the Tin melting
point is used. Please confirm the solderability of Tin
plating termination chip before use.
I !Caution/Notice


Similar Part No. - LQG15HS3N6S02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQG15HS3N6S02 MURATA-LQG15HS3N6S02 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
LQG15HS3N6S02 MURATA-LQG15HS3N6S02 Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS3N6S02D MURATA-LQG15HS3N6S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
More results

Similar Description - LQG15HS3N6S02p

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP15MN3N0B02D MURATA-LQP15MN3N0B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type LQP15M Series (0402 Size)
LQG15HS1N0S02D MURATA-LQG15HS1N0S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HN1N0S02D MURATA-LQG15HN1N0S02D Datasheet
51Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQG15HS1N1S02D MURATA-LQG15HS1N1S02D Datasheet
52Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Multilayer Type
LQW15AN68NG00D MURATA-LQW15AN68NG00D Datasheet
103Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Horizontal Wire Wound LQW15A_00 Series (0402 Size)
LQP15MN7N5B02D MURATA-LQP15MN7N5B02D Datasheet
63Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN3N9B04D MURATA-LQP03TN3N9B04D Datasheet
76Kb / 3P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN6N2J02D MURATA-LQP03TN6N2J02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP18MN12NG02D MURATA-LQP18MN12NG02D Datasheet
48Kb / 2P
   Chip Inductor (Chip Coil) for High Frequency Film Type
LQP03TN1N0B02D MURATA-LQP03TN1N0B02D Datasheet
94Kb / 4P
   Chip Inductor (Chip Coil) for High Frequency Film Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com