Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN-2195 Datasheet(PDF) 5 Page - Texas Instruments

Part # AN-2195
Description  AN-2195 Driving High Speed ADCs with the LMH6521 DVGA for High IF AC-Coupled Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AN-2195 Datasheet(HTML) 5 Page - Texas Instruments

  AN-2195 Datasheet HTML 1Page - Texas Instruments AN-2195 Datasheet HTML 2Page - Texas Instruments AN-2195 Datasheet HTML 3Page - Texas Instruments AN-2195 Datasheet HTML 4Page - Texas Instruments AN-2195 Datasheet HTML 5Page - Texas Instruments AN-2195 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.ti.com
Optimal Performance
With a 2-tone large input signal with the LMH6521 set to maximum gain (26dB) to drive an input signal
level at the ADC of
−1 dBFS, the SNR and SFDR results are shown in Table 1 compared to the stand
alone ADC16DV160 specifications.
Table 1. SNR and SFDR Results
Configuration
ADC Input
SNR (dBFS)
SFDR (dBFS)
LMH6521 + BPF + ADC16DV160
−1 dBFS
75.5
82
ADC16DV160 only
−1 dBFS
76
89
6
Optimal Performance
Placement of the LMH6521 relative to the ADC16DV160 is essential for optimal performance. It is
recommended that the amplifier be placed as close the ADC as possible and with excellent layout and
decoupling techniques to achieve the desired system performance. One way to improve channel isolation
is to place the output inductors of each channel of the LMH6521 90 degrees to reduce magnetic coupling
as shown in Figure 7. As a minimum, a 4-layer board should be utilized with one ground, one power, and
two signal layers. However, by adding more layers, thicker top and bottom metal layers, and additional
through vias will improve heat dissipation of the LMH6521 and improve performance.
The LMH6521 DVGA is well suited to drive Texas Instruments family of high speed MSPS data
converters: ADC10DV200, ADC12EU050, ADC12C170, ADC16V130, and ADC16DV160. Contact a
Texas Instruments representative to obtain documentation on the SP16160CH2RB reference design files.
Figure 7. Output Inductors at 90 Degrees
5
SNOA569A – November 2011 – Revised April 2013
AN-2195 Driving High Speed ADCs With the LMH6521 DVGA for High IF
AC-Coupled Applications
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated


Similar Part No. - AN-2195

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
AN-2116 NSC-AN-2116 Datasheet
713Kb / 8P
   SolarMagic??ICs in Microinverter Applications
logo
Analog Devices
AN-214 AD-AN-214 Datasheet
356Kb / 3P
   GROUND RULES FOR HIGH SPEED CIRCUITS
More results

Similar Description - AN-2195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SNOA569 TI1-SNOA569 Datasheet
1Mb / 6P
[Old version datasheet]   AN-2195 Driving High Speed ADCs With the LMH6521 DVGA for High IF AC-Coupled Applications
LMH6521 TI1-LMH6521 Datasheet
418Kb / 24P
[Old version datasheet]   LMH6521 High Performance Dual DVGA
logo
Analog Devices
CN-0046 AD-CN-0046 Datasheet
126Kb / 3P
   Using the AD8352 as an Ultralow Distortion Differential RF/IF Front End for High Speed ADCs
REV. A
logo
NXP Semiconductors
AN1998 PHILIPS-AN1998_15 Datasheet
1Mb / 20P
   An FM/IF system for DECT and other high-speed GFSK applications
Rev. 3-24 July 2014
logo
STMicroelectronics
AN979 STMICROELECTRONICS-AN979 Datasheet
145Kb / 14P
   DRIVING AN ANALOG KEYBOARD WITH THE ST7 ADC
74V1G04 STMICROELECTRONICS-74V1G04_07 Datasheet
114Kb / 9P
   The 74V1G04 is an advanced high-speed
July 2001
logo
Shanghai Leiditech Elec...
PESD0402MV18 LEIDITECH-PESD0402MV18 Datasheet
1Mb / 6P
   The best ESD protection for high speed applications
logo
Analog Devices
MT-075 AD-MT-075 Datasheet
190Kb / 9P
   Differential Drivers for High Speed ADCs Overview
REV. 0
logo
ON Semiconductor
MC74VHC1G50DFT2G ONSEMI-MC74VHC1G50DFT2G Datasheet
250Kb / 8P
   The MC74VHC1G50 is an advanced high speed CMOS buffer
March, 2006 -- Rev. 12
logo
Renesas Technology Corp
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 85P
   The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com