Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6709FUB Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX6709FUB
Description  Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6709FUB Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX6709FUB Datasheet HTML 3Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 4Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 5Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 6Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 7Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 8Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 9Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 10Page - Maxim Integrated Products MAX6709FUB Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Detailed Description
The MAX6709/MAX6714 are low-power, quad voltage
monitors designed for multivoltage systems. Preset
voltage options for 5.0V, 3.3V, 3.0V, 2.5V, and 1.8V
make these quad monitors ideal for applications such
as telecommunications, desktop and notebook comput-
ers, high-end printers, data storage equipment, and
networking equipment.
The MAX6709/MAX6714 have an internally trimmed
threshold that minimizes or eliminates the need for
external components. The four open-drain outputs have
weak (10µA) internal pullups to VCC, allowing them to
interface easily with other logic devices. The weak inter-
nal pullups can be overdriven by external pullups to any
voltage from 0 to 5.5V. Internal circuitry prevents current
flow from the external pullup voltage to VCC. The out-
puts can be wire-ORed for a single power-good signal.
The MAX6709 quad voltage monitor includes an accu-
rate reference, four precision comparators, and a
series of internally trimmed resistor-divider networks to
set the factory-fixed threshold options. The resistor net-
works scale the specified IN_ reset voltages to match
the internal reference/comparator voltage. Adjustable
threshold options bypass the internal resistor networks
and connect directly to one of the comparator inputs
(an external resistor-divider network is required for
threshold matching). The MAX6709 monitors power
supplies with either 5% or 10% tolerance specifica-
tions, depending on the selected version. Additional
high-input-impedance comparator options can be used
Low-Voltage, High-Accuracy Quad, Voltage
Monitors in µMAX Package
_______________________________________________________________________________________
7
UNDERVOLTAGE
LOCKOUT
0.62V
REFERENCE
PWRGD3
IN4
(ADJ)
IN3
(2.5V/1.8V)
IN2
(3.3V/3.0V)
IN1
(ADJ)
VCC
MAX6709
PWRGD4
PWRGD2
PWRGD1
VCC
VCC
VCC
VCC
Figure 1. MAX6709 Functional Diagram


Similar Part No. - MAX6709FUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709-MAX6714 MAXIM-MAX6709-MAX6714 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
MAX6709UB MAXIM-MAX6709UB Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
More results

Similar Description - MAX6709FUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6709 MAXIM-MAX6709_05 Datasheet
318Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in μMAX Package
Rev 1; 12/05
MAX6709 MAXIM-MAX6709 Datasheet
287Kb / 13P
   Low-Voltage, High-Accuracy, Quad Voltage Monitors in 關MAX Package
Rev 0; 4/02
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700_V01 Datasheet
1Mb / 10P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
2016
MAX16008 MAXIM-MAX16008 Datasheet
300Kb / 14P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 0; 10/05
logo
STMicroelectronics
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Maxim Integrated Produc...
MAX16008 MAXIM-MAX16008_11 Datasheet
189Kb / 13P
   Low-Voltage, High-Accuracy, Quad Window Voltage Detectors in Thin QFN
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com