Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8784EVKIT Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX8784EVKIT
Description  Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8784EVKIT Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX8784EVKIT Datasheet HTML 1Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 2Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 3Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 4Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 5Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 6Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 7Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 8Page - Maxim Integrated Products MAX8784EVKIT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Step-Up Regulator, Internal Charge Pumps, Switch
Control, and Operational Amplifier for TFT LCDs
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V, Circuit of Figure 1, AVDD = SUP = +14V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC, CTL, HVS, SHDN, ADEL, GDEL to AGND ....-0.3V to +7.5V
REF, COMP, FB, FBN, FBP to AGND .........-0.3V to (VCC + 0.3V)
POS1, NEG1, POS2, NEG2, POS3, OUT1, OUT2,
OUT3 to AGND .......................................-0.3V to (VSUP + 0.3)
PGND, BGND to AGND.........................................-0.3V to +0.3V
LX, RSET to PGND .................................................-0.3V to +22V
SUP to AGND .........................................................-0.3V to +22V
DRVN to AGND.........................................-0.3V to (VSUP + 0.3V)
C1N, C2N to AGND ..................................-0.3V to (VSUP + 0.3V)
C1P to AGND .........................................................-0.3V to +30V
POUT to C2P, C1P to C2P......................................-0.3V to +22V
C2P, POUT to AGND..............................................-0.3V to +40V
GON, DRN to AGND ..............................................-0.3V to +40V
DRN to GON............................................................-30V to +30V
REF Short Circuit to AGND.........................................Continuous
RMS VCC Current ................................................................50mA
RMS DRVN Current...........................................................400mA
LX, PGND RMS Current Rating.............................................2.4A
Continuous Power Dissipation (TA = +70°C)
40-Pin TQFN (derate 35.7mW/°C above +70°C) .......2857mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC Input Supply Range
4.0
5.5
V
VCC Undervoltage Lockout Threshold
VCC rising, typical hysteresis = 50mV
2.4
2.6
2.8
V
VFB = 1.3V, not switching
1.0
VFB = 1.1V, switching, no load, VSUP disconnected,
VFBP = VCC, VFBN = 0V
46
VCC Quiescent Current
SHDN = GND
0.05
mA
SHDN Input Low Voltage
0.8
V
SHDN Input High Voltage
1.8
V
SHDN Input Current
-1
+1
µA
REFERENCE
REF Output Voltage
No external load
1.238
1.250
1.262
V
REF Load Regulation
0 < ILOAD < 50µA
10
mV
REF Sink Current
In regulation
10
µA
REF Undervoltage Lockout Threshold
Rising edge, typical hysteresis = 200mV
1.0
1.15
V
OSCILLATOR AND TIMING
Frequency
1000
1200
1400
kHz
Oscillator Maximum Duty Cycle
87
90
93
%
Duration to Trigger Fault Condition
47
55
65
ms
ADEL, GDEL Capacitor Charge Current
4
5
6
µA
ADEL, GDEL Turn-On Threshold
1.25
1.32
V
STEP-UP REGULATOR
FB = COMP, CCOMP = 1nF
1.235
1.246
1.256
FB Regulation Voltage
FB = COMP, CCOMP = 1nF, +25°C to +85°C
1.238
1.246
1.256
V
FB Fault-Trip Level
Falling edge
0.96
1.00
1.04
V
FB Load Regulation
0 < ILOAD < full
-1
%
FB Line Regulation
VCC = 4.5V to 5.5V
0.25
%/V
FB Input Bias Current
VFB = 1.25V
100
200
nA


Similar Part No. - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784ETL++ MAXIM-MAX8784ETL+ Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
More results

Similar Description - MAX8784EVKIT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8758 MAXIM-MAX8758 Datasheet
400Kb / 20P
   Step-Up Regulator with Switch Control and Operational Amplifier for TFT LCD
Rev 1; 9/05
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX8798 MAXIM-MAX8798 Datasheet
594Kb / 30P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Rev 0; 9/07
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17075 MAXIM-MAX17075 Datasheet
1Mb / 22P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 0; 11/08
MAX17075 MAXIM-MAX17075_12 Datasheet
605Kb / 23P
   Boost Regulator with Integrated Charge Pumps, Switch Control, and High-Current Op Amp
Rev 1; 5/12
logo
Monolithic Power System...
EV0055 MPS-EV0055 Datasheet
195Kb / 5P
   Triple Output Step-Up Plus Charge Pump for TFT Bias
logo
Eutech Microelectronics...
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com