Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6704_KA-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6704_KA-T
Description  Low-Voltage, SOT23 關P Supervisors with Power- Fail In/Out, Manual Reset, and Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6704_KA-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6704_KA-T Datasheet HTML 1Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 2Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 3Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 4Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 5Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 6Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 7Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 8Page - Maxim Integrated Products MAX6704_KA-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX6701–MAX6708 microprocessor (µP) supervisory
circuits reduce the complexity and components required
to monitor power-supply functions in µP systems. These
devices significantly improve system reliability and accu-
racy compared to separate ICs or discrete components.
The MAX6701–MAX6708 family provides four functions:
a reset output during power-up, power-down, and
brownout conditions; an independent watchdog output
that goes low if the watchdog input has not been toggled
within 1.6s; a 0.62V threshold detector for power-fail
warning; and an active-low manual reset input.
The MAX6701–MAX6708 family offers several pinout
options to accommodate a variety of multivoltage micro-
processor supervision applications.
The MAX6701(A)/MAX6702(A)/MAX6703(A) monitor
three supply voltages (one fixed threshold and two
adjustable) to drive a single reset output and include a
manual reset input and a watchdog timer with an inde-
pendent output. The MAX6704 monitors a single-supply
voltage to drive complementary reset outputs and
includes an independent adjustable power-fail-in/power-
fail-out comparator, a manual reset input, and a reset-
based watchdog timer. The MAX6705(A)/MAX6706(A)/
MAX6707(A) monitor a single-supply voltage to drive a
single reset output and include an independent
adjustable power-fail-in/power-fail-out comparator, a
manual reset input, and a watchdog timer with an inde-
pendent output. The MAX6708 is the same as the
MAX6704 but without the watchdog timer function.
See the Detailed Description for differences between
non-A and A versions.
Applications
Computers
Controllers
Intelligent Instruments
Automotive Systems
Critical µP Power Monitoring
White Goods
Networking
Telecommunications
Features
o Small 8-Pin SOT23 Package
o Precision Monitoring of +5.0V, +3.3V, +3.0V, +2.5V
Supply Voltages
o 140ms Reset Timeout Delay
o Power-Fail Input with Independent Output;
Monitor Inputs Down to 0.62V (MAX6704–MAX6708)
o Dual Adjustable Reset Input for Triple-Voltage
Monitoring (MAX6701(A)/MAX6702(A)/MAX6703(A))
o 1.6s Watchdog Timeout Period
(MAX6701(A)–MAX6707(A))
o Independent Watchdog Output
(MAX6701(A)/MAX6702(A)/MAX6703(A)/
MAX6705(A)/MAX6706(A)/MAX6707(A))
o Manual Reset Input
o Four Reset Output Stage Options
Active Low Push-Pull (MAX6701(A), MAX6705(A))
Active Low Open Drain (MAX6703(A), MAX6707(A))
Active High Push-Pull (MAX6702(A), MAX6706(A))
Dual Active Low/High Push-Pull (MAX6704,
MAX6708)
o Guaranteed Reset Valid to VCC = 1V
o Immune to Short Falling VCC Transients
o Low Cost, Few External Components
Low-Voltage, SOT23 µP Supervisors with Power-
Fail In/Out, Manual Reset, and Watchdog Timer
________________________________________________________________ Maxim Integrated Products
1
WDI
RST_IN2
RST_IN1
( ) ARE FOR MAX6702(A) ONLY.
1
2
8
7
WDO
RESET (RESET)
VCC
GND
MR
SOT23
TOP VIEW
3
4
6
5
MAX6701(A)
MAX6702(A)
MAX6703(A)
Pin Configurations
Ordering Information
19-1952; Rev 3; 12/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-PACKAGE
MAX6701_KA-T
-40°C to +125°C
8 SOT23-8
MAX6701A_KA-T
-40°C to +125°C
8 SOT23-8
Insert the desired suffix letter (from the Threshold Suffix Guide
table) into the blank to complete the part number. All devices
must be ordered in increments of 2500 pieces. Sample stock is
typically held on standard versions only. Contact factory for
availability.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
Ordering Information continued at end of data sheet.
Typical Operating Circuit and Selector Guide appear at end
of data sheet.
Pin Configurations continued at end of data sheet.


Similar Part No. - MAX6704_KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX670 MAXIM-MAX670 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700 MAXIM-MAX6700 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700-MAX6710 MAXIM-MAX6700-MAX6710 Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
MAX6700UT MAXIM-MAX6700UT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
MAX6700UT-T MAXIM-MAX6700UT-T Datasheet
197Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage 關P Supervisory Circuits in SOT Package
Rev 1; 4/02
More results

Similar Description - MAX6704_KA-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6701-08 MAXIM-MAX6701-08_03 Datasheet
148Kb / 12P
   Low-Voltage, SOT23 關P Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 2; 8/03
MAX6701-08 MAXIM-MAX6701-08 Datasheet
194Kb / 12P
   Low-Voltage, SOT23 uP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 3; 12/05
MAX6701 MAXIM-MAX6701 Datasheet
1Mb / 12P
   Low-Voltage, SOT23 μP Supervisors with Power-Fail In/Out, Manual Reset, and Watchdog Timer
Rev 4; 5/14
MAX6821 MAXIM-MAX6821_V01 Datasheet
1Mb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
2014
MAX6821 MAXIM-MAX6821 Datasheet
167Kb / 9P
   Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/01
MAX6826 MAXIM-MAX6826 Datasheet
205Kb / 12P
   Dual Ultra-Low-Voltage SOT23 關P Supervisors with Manual Reset and Watchdog Timer
Rev 1; 1/02
MAX6821 MAXIM-MAX6821_05 Datasheet
360Kb / 9P
   Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
Rev 2; 12/05
MAX6826 MAXIM-MAX6826_05 Datasheet
597Kb / 12P
   Dual Ultra-Low-Voltage SOT23 uP Supervisors with Manual Reset and Watchdog Timer
19-1867; Rev 2; 12/05
logo
Micrel Semiconductor
MAX823 MICREL-MAX823 Datasheet
957Kb / 14P
   Voltage Supervisor with Watchdog Timer and Manual Reset
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com