Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF173 Datasheet(PDF) 6 Page - Motorola, Inc

Part # MRF173
Description  N-CHANNEL BROADBAND RF POWER MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF173 Datasheet(HTML) 6 Page - Motorola, Inc

  MRF173 Datasheet HTML 1Page - Motorola, Inc MRF173 Datasheet HTML 2Page - Motorola, Inc MRF173 Datasheet HTML 3Page - Motorola, Inc MRF173 Datasheet HTML 4Page - Motorola, Inc MRF173 Datasheet HTML 5Page - Motorola, Inc MRF173 Datasheet HTML 6Page - Motorola, Inc MRF173 Datasheet HTML 7Page - Motorola, Inc MRF173 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MRF173 MRF173CQ
6
MOTOROLA RF DEVICE DATA
PACKAGE DIMENSIONS
CASE 211–11
ISSUE N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
A
U
M
M
Q
R
B
1
4
3
2
D
K
E
SEATING
PLANE
C
J
H
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.960
0.990
24.39
25.14
B
0.465
0.510
11.82
12.95
C
0.229
0.275
5.82
6.98
D
0.216
0.235
5.49
5.96
E
0.084
0.110
2.14
2.79
H
0.144
0.178
3.66
4.52
J
0.003
0.007
0.08
0.17
K
0.435
–––
11.05
–––
M
45 NOM
45 NOM
Q
0.115
0.130
2.93
3.30
R
0.246
0.255
6.25
6.47
U
0.720
0.730
18.29
18.54
__
STYLE 2:
PIN 1. SOURCE
2. GATE
3. SOURCE
4. DRAIN
CASE 316–01
ISSUE D
NOTES:
1. FLANGE IS ISOLATED IN ALL STYLES.
STYLE 2:
PIN 1. BASE
2. COLLECTOR
3. BASE
4. EMITTER
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
24.38
25.14
0.960
0.990
B
12.45
12.95
0.490
0.510
C
5.97
7.62
0.235
0.300
D
5.33
5.58
0.210
0.220
E
2.16
3.04
0.085
0.120
F
5.08
5.33
0.200
0.210
H
18.29
18.54
0.720
0.730
J
0.10
0.15
0.004
0.006
K
10.29
11.17
0.405
0.440
L
3.81
4.06
0.150
0.160
N
3.81
4.31
0.150
0.170
Q
2.92
3.30
0.115
0.130
R
3.05
3.30
0.120
0.130
U
11.94
12.57
0.470
0.495
4
3
2
1
F
D
R
Q
L
K
E
J
B
A
H
N
C
U


Similar Part No. - MRF173

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MRF173 MACOM-MRF173 Datasheet
147Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
logo
M/A-COM Technology Solu...
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
MRF173 MA-COM-MRF173 Datasheet
343Kb / 12P
   The RF MOSFET Line 80W, 175MHz, 28V
logo
New Jersey Semi-Conduct...
MRF173 NJSEMI-MRF173 Datasheet
103Kb / 2P
   RF Power Field Effect Transistors
logo
Tyco Electronics
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results

Similar Description - MRF173

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF184 MOTOROLA-MRF184 Datasheet
194Kb / 9P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF282 MOTOROLA-MRF282 Datasheet
142Kb / 11P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF183 MOTOROLA-MRF183 Datasheet
221Kb / 10P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF182 MOTOROLA-MRF182 Datasheet
133Kb / 8P
   LATERAL N-CHANNEL BROADBAND RF POWER MOSFETs
MRF151 MOTOROLA-MRF151 Datasheet
184Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF154 MOTOROLA-MRF154 Datasheet
161Kb / 8P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF5007 MOTOROLA-MRF5007 Datasheet
161Kb / 10P
   N-CHANNEL BROADBAND RF POWER FET
logo
Tyco Electronics
MRF141G MACOM-MRF141G Datasheet
220Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF173CQ MACOM-MRF173CQ Datasheet
119Kb / 6P
   N-CHANNEL BROADBAND RF POWER MOSFET
MRF177 MACOM-MRF177 Datasheet
214Kb / 9P
   N-CHANNEL BROADBAND RF POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com