Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4211F Datasheet(PDF) 5 Page - Rohm

Part # BU4211F
Description  CMOS Voltage Detector ICs with adjustable output delay.
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4211F Datasheet(HTML) 5 Page - Rohm

  BU4211F Datasheet HTML 1Page - Rohm BU4211F Datasheet HTML 2Page - Rohm BU4211F Datasheet HTML 3Page - Rohm BU4211F Datasheet HTML 4Page - Rohm BU4211F Datasheet HTML 5Page - Rohm BU4211F Datasheet HTML 6Page - Rohm BU4211F Datasheet HTML 7Page - Rohm BU4211F Datasheet HTML 8Page - Rohm BU4211F Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Datasheet
5/13
BU42xx series
BU43xx series
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
22.May.2013 Rev.006
www.rohm.com
TSZ22111
15
001
Electrical Characteristics (Unless Otherwise Specified Ta=-25 to 125°C) - continued
Parameter
Symbol
Condition
Limit
Unit
Min.
Typ.
Max.
Leak Current when OFF
Ileak
VDD=VDS=7V
Ta=-40 to 85°C
-
0
0.1
µA
VDD=VDS=7V
Ta=85 to 125°C
-
0
1
CT pin Threshold Voltage
VCTH
VDD=VDET×1.1, VDET=0.9 to 2.5V
Ta=25°C
RL=470kΩ
VDD
×0.35
VDD
×0.45
VDD
×0.55
V
VDD=VDET×1.1, VDET=2.6 to 4.8V
Ta=25°C
RL=470kΩ
VDD
×0.40
VDD
×0.50
VDD
×0.60
Output Delay Resistance
RCT
VDD=VDET×1.1
VCT=0.5V
Ta=25°C
*1
9
10
11
MΩ
CT pin Output Current
ICT
VCT=0.1V
VDD=0.85V
5
40
-
µA
VCT=0.5V
VDD=1.5V
VDET=1.7 to 4.8V
200
400
-
Detection Voltage
Temperature coefficient
VDET/∆T Ta=-40°C to 125°C
-
±30
-
ppm/°C
Hysteresis Voltage
∆VDET
VDD=L
H
L
Ta=-40 to 125°C
RL=470kΩ
VDET≤1.0V
VDET
×0.03
VDET
×0.05
VDET
×0.08
V
VDET≥1.1V
VDET
×0.03
VDET
×0.05
VDET
×0.07
*1:
Design Guarantee. (Outgoing inspection is not done on all products.)
VDET(T) : Standard Detection Voltage (0.9V to 4.8V, 0.1V step)
RL: Pull-up resistor to be connected between VOUT and power supply.


Similar Part No. - BU4211F

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4211F ROHM-BU4211F Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU4211F ROHM-BU4211F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4211F ROHM-BU4211F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4211F ROHM-BU4211F Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4211F-TR ROHM-BU4211F-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BU4211F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD52XXFVE ROHM-BD52XXFVE Datasheet
317Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXFVE ROHM-BD53XXFVE Datasheet
311Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD53XXG ROHM-BD53XXG Datasheet
307Kb / 6P
   Voltage Detector IC with Adjustable Output Delay
BD52XXG ROHM-BD52XXG Datasheet
316Kb / 6P
   Voltage Detector IC Adjustable Output Delay
BU42XXG ROHM-BU42XXG Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXFVE ROHM-BU42XXFVE Datasheet
349Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXG ROHM-BU43XXG Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU42XXF ROHM-BU42XXF Datasheet
341Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXF ROHM-BU43XXF Datasheet
326Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
BU43XXFVE ROHM-BU43XXFVE Datasheet
329Kb / 6P
   Low Voltage Detector IC with Adjustable Output Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com