Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2760BX-025 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2760BX-025
Description  High-Precision Li Battery Monitor
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2760BX-025 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2760BX-025 Datasheet HTML 5Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 6Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 7Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 8Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 9Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 10Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 11Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 12Page - Maxim Integrated Products DS2760BX-025 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DS2760
9
resistor, the DS2760 maintains the Current Accumulator in units of Volt-hours, with a resolution of
6.25
mVhrs and a full scale range of ±205 mVhrs.
The Current Accumulator is a read/write register that can be altered by the host system as needed.
CURRENT ACCUMULATOR FORMAT Figure 5
MSB—Address 10
LSb—Address 11
S
214 213 212 211 210
29
28
27
26
25
24
23
22
21
20
MSb
LSb
MSb
LSb
Units: 0.25 mAhrs for internal sense resistor
6.25
mVhrs for external sense resistor
CURRENT OFFSET COMPENSATION
Current measurement and the current accumulation are both internally compensated for offset on a
continual basis minimizing error resulting from variations in device temperature and voltage.
Additionally a constant bias may be utilized to alter any other sources of offset. This bias resides in
EEPROM address 33h in two’s-complement format and is subtracted from each current measurement.
The current offset bias is applied to both the internal and external sense resistor configurations. The
factory default for the current offset compensation is a value of 0.
CURRENT OFFSET BIAS Figure 6
Address 33
S
26
25
24
23
22
21
20
MSb
LSb
Units: 0.625 mA for internal sense resistor
15.625
mV for external sense resistor
VOLTAGE MEASUREMENT
The DS2760 continually measures the voltage between pins VIN and VSS over a range of 0 to 4.75V.
The resulting data is placed in the Voltage Register in two’s-complement format with a resolution of
4.88mV. Voltages above the maximum register value are reported as the maximum value. The Voltage
Register format is shown in Figure 7.
VOLTAGE REGISTER FORMAT Figure 7
MSB—Address 0C
LSb—Address 0D
S
29
28
27
26
25
24
23
22
21
20
X
X
X
X
X
MSb
LSb
MSb
LSb
Units: 4.88 mV


Similar Part No. - DS2760BX-025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2760BX-025 MAXIM-DS2760BX-025 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
More results

Similar Description - DS2760BX-025

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2761 MAXIM-DS2761 Datasheet
316Kb / 24P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2761 DALLAS-DS2761 Datasheet
286Kb / 24P
   High-Precision Li Battery Monitor
logo
Maxim Integrated Produc...
DS2760 MAXIM-DS2760 Datasheet
295Kb / 25P
   High-Precision Li Battery Monitor
010906
logo
Dallas Semiconductor
DS2760 DALLAS-DS2760 Datasheet
126Kb / 25P
   High Precision Li-Ion Battery Monitor
logo
Maxim Integrated Produc...
DS2762 MAXIM-DS2762 Datasheet
262Kb / 25P
   High-Precision Li Battery Monitor With Alerts
REV: 111703
DS2764 MAXIM-DS2764_V01 Datasheet
191Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
2006
DS2764 MAXIM-DS2764 Datasheet
246Kb / 20P
   High-Precision Li Battery Monitor with 2-Wire Interface
011005
logo
Sciosense B.V.
BCM1 SCIOSENSE-BCM1 Datasheet
2Mb / 2P
   Battery Condition Monitor for Li-Ion batteries
logo
Intersil Corporation
ISL94203IRTZ INTERSIL-ISL94203IRTZ Datasheet
1Mb / 63P
   3-to-8 Cell Li-ion Battery Pack Monitor
August 17, 2015
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com