Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX481ECSA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX481ECSA
Description  ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481ECSA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX481ECSA Datasheet HTML 3Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 4Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 5Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 6Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 7Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 8Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 9Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 10Page - Maxim Integrated Products MAX481ECSA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
±15kV ESD-Protected, Slew-Rate-Limited,
Low-Power, RS-485/RS-422 Transceivers
______________________________________________________________Pin Description
1
2
Receiver Output: If A > B by 200mV, RO will be high;
If A < B by 200mV, RO will be low.
2
Receiver Output Enable. RO is enabled when
R
E
is
low; RO is high impedance when
R
E
is high.
3
Driver Output Enable. The driver outputs, Y and Z, are
enabled by bringing DE high. They are high imped-
ance when DE is low. If the driver outputs are enabled,
the parts function as line drivers. While they are high
impedance, they function as line receivers if
R
E
is low.
4
3
Driver Input. A low on DI forces output Y low and out-
put Z high. Similarly, a high on DI forces output Y high
and output Z low.
6
Noninverting Receiver Input and Noninverting Driver
Output
6
Inverting Driver Output
5
Noninverting Driver Output
5
4
Ground
No Connect—not internally connected
8
1
Positive Supply: 4.75V
≤ VCC ≤ 5.25V
7
Inverting Receiver Input
7
Inverting Receiver Input and Inverting Driver Output
8
Noninverting Receiver Input
PIN
2
3
4
5
10
9
6, 7
1, 8, 13
14
11
12
RO
R
E
DE
DI
A
Z
Y
GND
N.C.
VCC
B
B
A
FUNCTION
MAX489E
MAX491E
NAME
MAX488E
MAX490E
MAX481E/MAX483E
MAX485E/MAX487E
MAX1487E
MAX481E/MAX483E/MAX485E/
MAX487E–MAX491E/MAX1487E
Maxim Integrated
7


Similar Part No. - MAX481ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481ECSA MAXIM-MAX481ECSA Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX481ECSA MAXIM-MAX481ECSA Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481ECSA MAXIM-MAX481ECSA Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
More results

Similar Description - MAX481ECSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E_03 Datasheet
768Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E_14 Datasheet
310Kb / 16P
   ±15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 4; 10/03
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
TECH PUBLIC Electronics...
MAX3485ESA TECHPUBLIC-MAX3485ESA Datasheet
3Mb / 9P
   Low-Power,Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Tiger Electronic Co.,Lt...
MAX485 TGS-MAX485 Datasheet
1Mb / 6P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX1487CSA MAXIM-MAX1487CSA Datasheet
1Mb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 9; 9/09
logo
Tiger Electronic Co.,Lt...
SN75176BDR TGS-SN75176BDR Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
SN75176BP TGS-SN75176BP Datasheet
257Kb / 7P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX481 MAXIM-MAX481_14 Datasheet
414Kb / 17P
   Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
Rev 10; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com