Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1708TESA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS1708TESA
Description  3.3 and 5.0-Volt MicroMonitor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1708TESA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS1708TESA Datasheet HTML 2Page - Maxim Integrated Products DS1708TESA Datasheet HTML 3Page - Maxim Integrated Products DS1708TESA Datasheet HTML 4Page - Maxim Integrated Products DS1708TESA Datasheet HTML 5Page - Maxim Integrated Products DS1708TESA Datasheet HTML 6Page - Maxim Integrated Products DS1708TESA Datasheet HTML 7Page - Maxim Integrated Products DS1708TESA Datasheet HTML 8Page - Maxim Integrated Products DS1708TESA Datasheet HTML 9Page - Maxim Integrated Products DS1708TESA Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DS1707/DS1708
7 of 10
ABSOLUTE MAXIMUM RATINGS*
Voltage on VCC Pin Relative to Ground
-0.5V to +7.0V
Voltage on I/O Relative to Ground**
-0.5V to VCC + 0.5V
Operating Temperature
-40
°C to +85°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
** The voltage input limits on IN and PBRST can be exceeded if the input current is less than 10 mA.
RECOMMENDED DC OPERATING CONDITIONS
(-40
°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Supply Voltage
VCC
1.2
5.5
V
1
PBRST
Input High Level
VIH
2.0
VCC-0.5
VCC+0.3
V
1, 3
1, 4
PBRST
Input Low Level
VIL
-0.03
+0.5
V
1
DC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC=1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
VCC Trip Point DS1707
VCCTP
4.50
4.65
4.75
V
1
VCC Trip Point DS1708
VCCTP
4.25
4.40
4.50
V
1
VCC Trip Point DS1708T
VCCTP
3.00
3.08
3.15
V
1
VCC Trip Point DS1708S
VCCTP
2.85
2.93
3.00
V
1
VCC Trip Point DS1708R
VCCTP
2.55
2.63
2.70
V
1
Input Leakage
IIL
-1.0
+1.0
mA
2
Output Current @ 2.4V
IOH
350
mA
3
Output Current @ 0.4V
IOL
10
mA
3
Output Voltage @ -500µA
VOH
VCC-0.3
VCC-0.1
V
3
Operating Current @ VCC < 5.5V
ICC
60
mA
5
Operating Current @ VCC < 3.6V
ICC
50
mA
5
IN Input Trip Point
VTP
1.20
1.25
1.30
V
1
CAPACITANCE
(tA=25
°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
5
pF
Output Capacitance
COUT
7
pF


Similar Part No. - DS1708TESA

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1708T DALLAS-DS1708T Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
More results

Similar Description - DS1708TESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Dallas Semiconductor
DS1705 DALLAS-DS1705 Datasheet
76Kb / 10P
   3.3 and 5.0 Volt MicroMonitor
DS1707 DALLAS-DS1707 Datasheet
67Kb / 9P
   3.3 and 5.0 Volt MicroMonitor?
logo
Maxim Integrated Produc...
DS1832 MAXIM-DS1832 Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
DS1832S MAXIM-DS1832S Datasheet
116Kb / 7P
   3.3-Volt MicroMonitor Chip
112099
logo
Vectron International, ...
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
logo
Raltron Electronics Cor...
VC-VE7850A-LZ-100-FREQ-EL RALTRON-VC-VE7850A-LZ-100-FREQ-EL Datasheet
23Kb / 1P
   3.3 & 5.0 VOLT - DIP 14
logo
Vectron International, ...
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com