Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25L320FJ-W Datasheet(PDF) 6 Page - Rohm

Part # BR25L320FJ-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L320FJ-W Datasheet(HTML) 6 Page - Rohm

Back Button BR25L320FJ-W Datasheet HTML 2Page - Rohm BR25L320FJ-W Datasheet HTML 3Page - Rohm BR25L320FJ-W Datasheet HTML 4Page - Rohm BR25L320FJ-W Datasheet HTML 5Page - Rohm BR25L320FJ-W Datasheet HTML 6Page - Rohm BR25L320FJ-W Datasheet HTML 7Page - Rohm BR25L320FJ-W Datasheet HTML 8Page - Rohm BR25L320FJ-W Datasheet HTML 9Page - Rohm BR25L320FJ-W Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
R/B
Write cycle status (READY / BUSY) status confirmation bit
-
bit
Memory
location
Function
WPEN
EEPROM
BP1
BP0
EEPROM
WEN
Register
WP pin enable / disable designation bit
EEPROM write disable block designation bit
Write and write status register write enable / disable status confirmation bit
Register
Contents
WEN = 0 = prohibited
WEN = 1 = permitted
WPEN = 0 = invalid
WPEN = 1 = valid
-
-
R/B=0=READY
R/B=1=BUSY
Features
Status registers
Write disable block setting
BR25L010-W
BR25L020-W
1
WPEN
BR25L040-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
Product number
bit 7
1
0
bit 6
1
0
bit 5
1
0
bit 4
BP1
BP1
bit 3
BP0
BP0
bit 2
WEN
WEN
bit 1
R/B
-
R/B
-
bit 0
BP0
None
60h-7Fh
40h-7Fh
00h-7Fh
BR25L010-W
None
C0h-FFh
80h-FFh
00h-FFh
BR25L020-W
None
180h-1FFh
100h-1FFh
000h-1FFh
BR25L040-W
None
300h-3FFh
200h-3FFh
000h-3FFh
BR25L080-W
None
600h-7FFh
400h-7FFh
000h-7FFh
BR25L160-W
None
C00h-FFFh
800h-FFFh
000h-FFFh
BR25L320-W
None
1800h-1FFFh
1000h-1FFFh
0000h-1FFFh
BR25L640-W
Write disable block
0
1
0
1
BP1
0
0
1
1
BR25L010-W
BR25L020-W
Prohibition
possible
Prohibition
possible but
WPEN bit "1"
BR25L040-W
BR25L080-W
BR25L160-W
BR25L320-W
BR25L640-W
Product number
WRSR
Prohibition
possible
Prohibition
impossible
WRITE
Status registers
This IC has status registers. The status registers are of 8 bits and express the following parameters.
BP0 and BP1 can be set by write status register command. These 2 bits are memorized into the EEPROM, therefore are
valid even when power source is turned off.
Rewrite characteristics and data hold time are same as characteristics of the EEPROM.
WEN can be set by write enable command and write disable command. WEN becomes write disable status when power
source is turned off. R/B is for write confirmation, therefore cannot be set externally.
The value of status register can be read by read status command.
This enables / disables the functions
of WP pin.
This designates the write disable area
of EEPROM. Write designation areas
of product numbers are shown below.
WP pin
By setting WP = LOW, write command is prohibited. As for BR25L080, 160, 320, 640-W, only when WPEN bit is set "1",
the WP pin functions become valid. And the write command to be disabled at this moment is WRSR. As for BR25L010,
020, 040-W, both WRITE and WRSR commands are prohibited.
However, when write cycle is in execution, no interruption can be made.
HOLD pin
By HOLD pin, data transfer can be interrupted. When SCK = "1", by making HOLD from "1" into "0", data transfer to
EEPROM is interrupted. When SCK = "0", by making HOLD from "0" into "1", data transfer is restarted.
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L320FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L320FJ-W ROHM-BR25L320FJ-W Datasheet
285Kb / 6P
   SPI BUS 32Kbit (4,096 x 8bit) EEPROM
BR25L320FJ-WE2 ROHM-BR25L320FJ-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
More results

Similar Description - BR25L320FJ-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com