Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25S128FVT-W Datasheet(PDF) 5 Page - Rohm

Part # BR25S128FVT-W
Description  High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25S128FVT-W Datasheet(HTML) 5 Page - Rohm

  BR25S128FVT-W Datasheet HTML 1Page - Rohm BR25S128FVT-W Datasheet HTML 2Page - Rohm BR25S128FVT-W Datasheet HTML 3Page - Rohm BR25S128FVT-W Datasheet HTML 4Page - Rohm BR25S128FVT-W Datasheet HTML 5Page - Rohm BR25S128FVT-W Datasheet HTML 6Page - Rohm BR25S128FVT-W Datasheet HTML 7Page - Rohm BR25S128FVT-W Datasheet HTML 8Page - Rohm BR25S128FVT-W Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Technical Note
5/18
BR25S□□□ Series
www.rohm.com
2010.12 - Rev.B
© 2010 ROHM Co., Ltd. All rights reserved.
●Characteristic data (The following characteristic data are Typ. Values.)
2.2
2.3
2.4
2.5
2.6
0
0.4
0.8
1.2
IOH[mA]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.9 "H" output voltage VOH1 (Vcc=2.5V)
-0.5
0
0.5
1
1.5
0
12
3
456
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.10 Input leak current ILI(CSB,SCK,SI,HOLDB,WPB)
-0.5
0
0.5
1
1.5
01
234
56
VOUT[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.11 Output leak current ILO(SO)
0
1
2
3
4
01
23
4
56
Vcc[V]
DATA=00h
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.12 Current consumption at WRITE operation ICC3
(BR25S320/640-W)
0
2
4
6
8
10
01
2
34
56
Vcc[V]
DATA=00h
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.14 Current Consumption at READ operation ICC10
-1
0
1
2
3
4
5
012
345
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
Fig.15 Current Consumption at standby operation ISB
1
10
100
1000
0
123
456
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
Fig.16 SCK frequency fSCK
0
20
40
60
80
100
120
140
01
234
56
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
Fig.17 SCK high time tSCKWH
0
20
40
60
80
100
120
140
01
23
4
5
6
Vcc[V]
SPEC
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
Fig.18 SCK low time tSCKWL
0
50
100
150
200
250
300
0
12
3
456
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
Fig.19 CSB high time tCS
0
20
40
60
80
100
120
01
234
56
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
SPEC
SPEC
SPEC
Fig.20 CSB setup time tCSS
0
1
2
3
4
0
12
3
456
Vcc[V]
DATA=00h
Ta=-40℃
Ta=25℃
Ta=85℃
SPEC
Fig.13 Current Consumption at WRITE operation ICC3
(BR25S128/256-W)


Similar Part No. - BR25S128FVT-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S128FVT-WE2 ROHM-BR25S128FVT-WE2 Datasheet
678Kb / 35P
   SPI BUS EEPROM
BR25S128FVT-WE2 ROHM-BR25S128FVT-WE2 Datasheet
600Kb / 19P
   High Reliability Series Serial EEPROMs
BR25S128FVT-WTR ROHM-BR25S128FVT-WTR Datasheet
678Kb / 35P
   SPI BUS EEPROM
More results

Similar Description - BR25S128FVT-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L-E ROHM-BR25L-E Datasheet
577Kb / 17P
   Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
Good Will Instrument Co...
GOS-620FG GWINSTEK-GOS-620FG Datasheet
89Kb / 1P
   20MHz ANALOG OSCILLOSCOPEFUNCTION GENERATOR
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Torex Semiconductor
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com