Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU520XX_BD7411G_REVF Datasheet(PDF) 3 Page - Rohm

Part # BU520XX_BD7411G_REVF
Description  Omnipolar detection, Micro power operation (small current using intermittent operation method)(BD7411G is excluded.)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU520XX_BD7411G_REVF Datasheet(HTML) 3 Page - Rohm

  BU520XX_BD7411G_REVF Datasheet HTML 1Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 2Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 3Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 4Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 5Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 6Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 7Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 8Page - Rohm BU520XX_BD7411G_REVF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Technical Note
BU52001GUL,BU52011HFV,BU52021HFV,BU52015GUL,BU52025G,BU52051NVX,
BU52053NVX,BU52054GWZ,BU52055GWZ,BU52056NVX,BU52061NVX,BD7411G
3/31
www.rohm.com
2010.12 - Rev.F
© 2010 ROHM Co., Ltd. All rights reserved.
Magnetic, Electrical characteristics
BU52054GWZ (Unless otherwise specified, VDD=1.80V, Ta=25℃)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Power Supply Voltage
VDD
1.65
1.80
3.60
V
Operate Point
BopS
-
6.3
7.9
mT
BopN
-7.9
-6.3
-
Release Point
BrpS
3.5
5.4
-
mT
BrpN
-
-5.4
-3.5
Hysteresis
BhysS
-
0.9
-
mT
BhysN
-
0.9
-
Period
Tp
-
50
100
ms
Output High Voltage
VOH
VDD-0.2
-
-
V
BrpN<B<BrpS
17
IOUT =-0.5mA
Output Low Voltage
VOL
-
-
0.2
V
B<BopN, BopS<B
17
IOUT =+0.5mA
Supply Current
IDD(AVG)
-
5
8
µA
Average
Supply Current During Startup Time
IDD(EN)
-
2.8
-
mA
During Startup Time Value
Supply Current During Standby Time
IDD(DIS)
-
1.8
-
µA
During Standby Time Value
17 B = Magnetic flux density
1mT=10Gauss
Positive (“+”) polarity flux is defined as the magnetic flux from south pole which is direct toward to the branded face of the sensor.
After applying power supply, it takes one cycle of period (TP) to become definite output.
Radiation hardiness is not designed.


Similar Part No. - BU520XX_BD7411G_REVF

ManufacturerPart #DatasheetDescription
logo
Rohm
BU52001GUL ROHM-BU52001GUL Datasheet
194Kb / 6P
   Hall effect Switch
BU52001GUL ROHM-BU52001GUL Datasheet
476Kb / 20P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
614Kb / 32P
   Omnipolar Detection Hall ICs
BU52001GUL ROHM-BU52001GUL Datasheet
608Kb / 32P
   Omnipolar Detection Hall ICs Line up of supply voltage
BU52001GUL ROHM-BU52001GUL Datasheet
906Kb / 34P
   Omnipolar Detection Hall ICs
More results

Similar Description - BU520XX_BD7411G_REVF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AH1898 DIODES-AH1898 Datasheet
517Kb / 11P
   Omnipolar Operation
logo
ABLIC Inc.
S-5701-B ABLIC-S-5701-B Datasheet
530Kb / 23P
   125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
logo
Asahi Kasei Microsystem...
AK8789 AKM-AK8789 Datasheet
300Kb / 5P
   High sensitive omnipolar operation
logo
Seiko Instruments Inc
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5718 SII-S5718 Datasheet
2Mb / 28P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
logo
SunLED Corporation
XZMEDGCBD56W SUNLED-XZMEDGCBD56W Datasheet
304Kb / 4P
   Low current operation
logo
Lite-On Technology Corp...
LTL916SYKSA LITEON-LTL916SYKSA Datasheet
616Kb / 13P
   High Current Operation
logo
Kingbright Corporation
SC39-11SYKWA KINGBRIGHT-SC39-11SYKWA Datasheet
351Kb / 6P
   Low current operation
TA07-11SYKWA KINGBRIGHT-TA07-11SYKWA Datasheet
350Kb / 6P
   Low current operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com