Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR25L040-W Datasheet(PDF) 10 Page - Rohm

Part # BR25L040-W
Description  Htgh speed clock action up to 5MHz(Max.), Wait function by HOLD terminal
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR25L040-W Datasheet(HTML) 10 Page - Rohm

Back Button BR25L040-W Datasheet HTML 6Page - Rohm BR25L040-W Datasheet HTML 7Page - Rohm BR25L040-W Datasheet HTML 8Page - Rohm BR25L040-W Datasheet HTML 9Page - Rohm BR25L040-W Datasheet HTML 10Page - Rohm BR25L040-W Datasheet HTML 11Page - Rohm BR25L040-W Datasheet HTML 12Page - Rohm BR25L040-W Datasheet HTML 13Page - Rohm BR25L040-W Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/16
BR25L010-W, BR25L020-W, BR25L040-W, BR25L080-W, BR25L160-W, BR25L320-W, BR25L640-W
Technical Note
At standby
WP cancel valid area
Fig.45 Operating timing
Fig.46 WP valid timing (WRSR)
Fig.47 WP valid timing (WRITE)
CS
SCK
SI
Command start here. SI is read.
Even if CS is fallen at SCL = SI = "H",
SI status is not read at that edge.
01
2
Ope code
Address
Data
tE/W
data write time
WP cancel invalid area
WP cancel invalid area
valid
invalid
invalid
WP cancel invalid area
Ope code
Data
tE/W
data write time
WP cancel invalid area
WP cancel invalid area
WP cancel invalid area
CS
SCK
15
16
WP is normally fixed to "H" or "L" for use, but when WP is controlled so as to cancel write status register command and write
command, pay attention to the following WP valid timing.
While write or write status register command is executed, by setting WP = "L" in cancel valid area, command can be
cancelled. The area from command ope code before CS rise at internal automatic write start becomes the cancel valid area.
However, once write is started, any input cannot be cancelled. WP input becomes Don't Care, and cancellation becomes
invalid.
By HOLD pin, command communication can be stopped temporarily. (HOLD status) The HOLD pin carries out command
communications normally when it is HIGH. To get in HOLD status, at command communication, when SCK = LOW, set
the HOLD pin LOW. At HOLD status, SCK and SI become Don't Care, and SO becomes high impedance (High-Z). To
release the HOLD status, set the HOLD pin HIGH when SCK = LOW. After that, communication can be restarted from the
point before the HOLD status. For example, when HOLD status is made after A5 address input at read, after release of
HOLD status, by starting A4 address input, read can be restarted. When in HOLD status, leave CS LOW. When it is set
CS = HIGH in HOLD status, the IC is reset, therefore communication after that cannot be restarted.
HOLD pin
Current at standby
Set CS "H", and be sure to set SCK, SI, WP, HOLD input "L" or "H". Do not input intermediate electric potential.
Timing
As shown in Fig. 45, at standby, when SCK is "H", even if CS is fallen, SI status is not read at fall edge. SI status is read
at SCK rise edge after fall of CS. At standby and at power ON/OFF, set CS "H" status.
2010.07 -
Rev. B
www.rohm.com
© 2010 ROHM Co., Ltd. All rights reserved.


Similar Part No. - BR25L040-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25L040-W ROHM-BR25L040-W Datasheet
337Kb / 6P
   SPI BUS 4Kbit (512 x 8bit) EEPROM
BR25L040-W ROHM-BR25L040-W Datasheet
2Mb / 17P
   SPI BUS Serial EEPROMs
BR25L040-W ROHM-BR25L040-W Datasheet
528Kb / 17P
   SPI BUS Serial EEPROMs
BR25L040-W ROHM-BR25L040-W Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
BR25L040-W ROHM-BR25L040-W Datasheet
577Kb / 17P
   SPI BUS Serial EEPROMs
More results

Similar Description - BR25L040-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR25S-E ROHM-BR25S-E Datasheet
600Kb / 19P
   High speed clock action up to 20MHz(Max.), Wait function by HOLDB terminal.
BR25L640F-WE2 ROHM-BR25L640F-WE2 Datasheet
577Kb / 17P
   High speed clock action up to 5MHz(Max)
logo
Seiko Instruments Inc
S-25CM01A SII-S-25CM01A Datasheet
1Mb / 28P
   Function to prevent malfunction by monitoring clock pulse
S-25A640A SII-S-25A640A Datasheet
1Mb / 32P
   Function to prevent malfunction by monitoring clock pulse
S-25A256B SII-S-25A256B Datasheet
1Mb / 23P
   Function to prevent malfunction by monitoring clock pulse
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
Aeroflex Circuit Techno...
UT54ACTS220 AEROFLEX-UT54ACTS220 Datasheet
248Kb / 12P
   Clock and Wait-State Generation Circuit
logo
List of Unclassifed Man...
UT54ACTS220 ETC1-UT54ACTS220 Datasheet
42Kb / 8P
   Clock and Wait-State Generation Circuit
logo
Axiomtek Co., Ltd.
OPS830 AXIOMTEK-OPS830_16 Datasheet
242Kb / 1P
   DDR3-1066 SO-DIMM max. up to 4 GB by D2550
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com