Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24T64-W Datasheet(PDF) 9 Page - Rohm

Part # BR24T64-W
Description  Other devices than EEPROM can be connected to the same port, saving microcontroller port
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24T64-W Datasheet(HTML) 9 Page - Rohm

Back Button BR24T64-W Datasheet HTML 5Page - Rohm BR24T64-W Datasheet HTML 6Page - Rohm BR24T64-W Datasheet HTML 7Page - Rohm BR24T64-W Datasheet HTML 8Page - Rohm BR24T64-W Datasheet HTML 9Page - Rohm BR24T64-W Datasheet HTML 10Page - Rohm BR24T64-W Datasheet HTML 11Page - Rohm BR24T64-W Datasheet HTML 12Page - Rohm BR24T64-W Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
Technical Note
9/21
BR24T□□□□Series
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
・During internal write execution, all input commands are ignored, therefore ACK is not sent back.
・Data is written to the address designated by word address (n-th address)
・By issuing stop bit after 8bit data input, write to memory cell inside starts.
・When internal write is started, command is not accepted for tWR (5ms at maximum).
・By page write cycle, the following can be written in bulk :
Up to 8Byte
(BR24T01-W, BR24T02-W)
Up to 16Byte (BR24T04-W, BR24T08-W, BR24T16-W)
Up to 32Byte (BR24T32-W, BR24T64-W)
Up to 64Byte (BR24T128-W, BR24T256-W)
Up to 128Byte (BR24T512-W)
Up to 256Byte (BR24T1M-W)
And when data of the maximum bytes or higher is sent, data from the first byte is overwritten.
(Refer to "Internal address increment" of "Notes on page write cycle" in P10.)
・As for page write cycle of BR24T01-W and BR24T02-W, after the significant 4 bits (in the case of BR24T01-W) of word
address, or the significant 5 bits (in the case of BR24T02-W) of word address are designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 3 bits is incremented internally, and data up to 8 bytes can be
written.
・As for page write command of BR24T04-W, BR24T08-W and BR24T16-W, after page select bit ’P0’(in the case of
BR24T04-W), after page select bit ’P0,P1’(in the case of BR24T08-W), after page select bit ’P0,P1,P2’(in the case of
BR24T16-W) of slave address are designated arbitrarily, by continuing data input of 2 bytes or more, the address of
insignificant 4 bits is incremented internally, and data up to 16 bytes can be written.
・As for page write cycle of BR24T32-W and BR24T64-W, after the significant 7 bits (in the case of BR24T32-W) of word
address, or the significant 8 bits (in the case of BR24T64-W) of word address are designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 5 bits is incremented internally, and data up to 32 bytes can
be written.
・As for page write cycle of BR24T128-W and BR24T256-W, after the significant 8 bits (in the case of BR24T128-W) of
word address, or the significant 9 bits (in the case of BR24T256-W) of word address are designated arbitrarily, by
continuing data input of 2 bytes or more, the address of insignificant 6 bits is incremented internally, and data up to 64
bytes can be written.
・As for page write cycle of BR24T512-W after the significant 9 bits of word address is designated arbitrarily, by continuing
data input of 2 bytes or more, the address of insignificant 7 bits is incremented internally, and data up to 128 bytes can
be written.
・As for page write cycle of BR24T1M-W after page select bit ’P0’ and the significant 8 bit of word address are designated
arbitrarily, by continuing data input of 2 bytes or more, the address of insignificant 8 bits is incremented internally, and
data up to 256 bytes can be written.


Similar Part No. - BR24T64-W

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24T64-W ROHM-BR24T64-W Datasheet
468Kb / 22P
   High Reliability Serial EEPROMs
BR24T64-W ROHM-BR24T64-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T64-W ROHM-BR24T64-W Datasheet
593Kb / 24P
   High Reliability Serial EEPROMs
BR24T64-W ROHM-BR24T64-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
BR24T64-W ROHM-BR24T64-W Datasheet
430Kb / 22P
   High Reliability Serial EEPROMs
More results

Similar Description - BR24T64-W

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2701457 PHOENIX-2701457 Datasheet
116Kb / 5P
   Up to 63 Axioline F devices can be connected to the bus coupler.
logo
Varitronix internationa...
VI-804 VARITRONIX-VI-804 Datasheet
36Kb / 1P
   REMARKS: SAME COMMON SHOULD BE CONNECTED TOGETHER ON THE P.C.B
logo
PHOENIX CONTACT
2867953 PHOENIX-2867953 Datasheet
101Kb / 4P
   Up to 254 slaves can be connected to one master
logo
Micro Commercial Compon...
SK310A-TP MCC-SK310A-TP Datasheet
272Kb / 4P
   Can Be Up To 50% Smaller Than The SMC To Save Precious Board Space
logo
Analog Devices
CN0221 AD-CN0221 Datasheet
418Kb / 5P
   Devices Connected
CN0216 AD-CN0216 Datasheet
603Kb / 5P
   Devices Connected
CN0385 AD-CN0385 Datasheet
532Kb / 13P
   Devices Connected
CN0253 AD-CN0253 Datasheet
135Kb / 4P
   Devices Connected
CN0357 AD-CN0357 Datasheet
223Kb / 5P
   Devices Connected
CN0388 AD-CN0388 Datasheet
503Kb / 5P
   Devices Connected
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com