Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7230-5.0TB5TG Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM7230-5.0TB5TG
Description  150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-5.0TB5TG Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM7230-5.0TB5TG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-5.0TB5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
GM7230
150KHz, 3A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Ordering Information
– Pb Free Products
Ordering Number
Output Voltage
Package
Shipping
GM7230-ATA5T
Adj
TO-263-5
50 Units / Tube
GM7230-ATA5R
TO-263-5
800 Units / Reel
GM7230-ATB5T
TO-220-5
50 Units / Tube
GM7230-ATB5BT
TO-220-5B
50 Units / Tube
GM7230-3.3TA5T
3.3
TO-263-5
50 Units / Tube
GM7230-3.3TA5R
TO-263-5
800 Units / Reel
GM7230-3.3TB5T
TO-220-5
50 Units / Tube
GM7230-3.3TB5BT
TO-220-5B
50 Units / Tube
GM7230-5.0TA5T
5.0
TO-263-5
50 Units / Tube
GM7230-5.0TA5R
TO-263-5
800 Units / Reel
GM7230-5.0TB5T
TO-220-5
50 Units / Tube
GM7230-12TB5BT
TO-220-5B
50 Units / Tube
GM7230-12TA5T
12
TO-263-5
50 Units / Tube
GM7230-12TA5R
TO-263-5
800 Units / Reel
GM7230-12TB5T
TO-220-5
50 Units / Tube
GM7230-12TB5BT
TO-220-5B
50 Units / Tube
Ordering Information
– Green Products
Ordering Number
Output Voltage
Package
Shipping
GM7230-ATA5TG
Adj
TO-263-5
50 Units / Tube
GM7230-ATA5RG
TO-263-5
800 Units / Reel
GM7230-ATB5TG
TO-220-5
50 Units / Tube
GM7230-ATB5BTG
TO-220-5B
50 Units / Tube
GM7230-3.3TA5TG
3.3
TO-263-5
50 Units / Tube
GM7230-3.3TA5RG
TO-263-5
800 Units / Reel
GM7230-3.3TB5TG
TO-220-5
50 Units / Tube
GM7230-3.3TB5BTG
TO-220-5B
50 Units / Tube
GM7230-5.0TA5TG
5.0
TO-263-5
50 Units / Tube
GM7230-5.0TA5RG
TO-263-5
800 Units / Reel
GM7230-5.0TB5TG
TO-220-5
50 Units / Tube
GM7230-12TB5BTG
TO-220-5B
50 Units / Tube
GM7230-12TA5TG
12
TO-263-5
50 Units / Tube
GM7230-12TA5RG
TO-263-5
800 Units / Reel
GM7230-12TB5TG
TO-220-5
50 Units / Tube
GM7230-12TB5BTG
TO-220-5B
50 Units / Tube


Similar Part No. - GM7230-5.0TB5TG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-5.0TB5T ETC2-GM7230-5.0TB5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-5.0TB5T GAMMA-GM7230-5.0TB5T Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
More results

Similar Description - GM7230-5.0TB5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com