Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7230-ATA5TG Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM7230-ATA5TG
Description  150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7230-ATA5TG Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM7230-ATA5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM7230-ATA5TG Datasheet HTML 11Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
GM7230
150KHz, 3A STEP DOWN VOLTAGE
SWITCHING REGULATORS
Figure 3. Switch Saturation Voltage
1.4
V
lN
=12V
1.3
1.2
1.1
T
J = - 40°C
1.0
0.9
0.8
125 °C
0.7
0.6
1
2
0
3
4
SWlTCH CURRENT (A)
25°
C
Figure 4. Switch Current Limit
5.5
V
OUT =5V
5.0
4.5
4.0
3.5
-50
-25
0
25
5 0
75
100
125
JUNCTlON TEMPERATURE (°C)
V
lN = 12V
Figure 5. Dropout Voltage
1.6
1.4
1.2
1.0
0.8
0.6
L = 33μH
RIND = 0.04
VOUT = VREG = 50mV
ILOAD = 3A
ILOAD = 1A
-50
-25
0
25
50
75
100
JUNCTION TEMPERATURE (°C)
Figure 6. Operating Quiescent Current
Switch ON
Switch OFF
24
20
16
12
8
4
0
-50
-25
0
25
50
75
100
JUNCTION TEMPERATURE (°C)
125
4.5V < VIN < 40V
ISWITCH = 0
Figure 8. Minimum Operating Supply Voltage
JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
VOUT = 1.23V
ILOAD = 120mA
5
4
3
2
1
0
Figure 9. SD Pin Current (Sinking)
0
5
10
15
20
25
SD PlN VOLTAGE(V)
VIN = 40V
TJ = -40°C and 125°C
8
6
5
4
3
2
7
1
0
Figure 10. Switching Frequency
JUNCTION TEMPERATURE (°C)
-50
-25
0
25
50
75
100 125
160
150
145
140
135
130
155
120
TJ = -40°C and 125°C
TJ = 25°C
VON/OFF = 5V
SUPPLY VOLTAGE (V)
150
80
60
40
20
0
0
10
20
30
40
100
Figure 7. Shutdown Quiescent Current
Typical Performance Characteristics


Similar Part No. - GM7230-ATA5TG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM7230-ATA5T ETC2-GM7230-ATA5T Datasheet
164Kb / 12P
   3A STEP-DOWN VOLTAGE REGULATOR
logo
Gamma Microelectronics ...
GM7230-ATA5T GAMMA-GM7230-ATA5T Datasheet
204Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATOR
GM7230-ATA5T GAMMA-GM7230-ATA5T Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7230-ATA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7109 GAMMA-GM7109 Datasheet
153Kb / 9P
   150KHz, 2A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV_13 Datasheet
470Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com