Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B57153S0330M0 Datasheet(PDF) 2 Page - EPCOS

Part # B57153S0330M0
Description  NTC thermistors for inrush current limiting Leaded and coated disks
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57153S0330M0 Datasheet(HTML) 2 Page - EPCOS

  B57153S0330M0 Datasheet HTML 1Page - EPCOS B57153S0330M0 Datasheet HTML 2Page - EPCOS B57153S0330M0 Datasheet HTML 3Page - EPCOS B57153S0330M0 Datasheet HTML 4Page - EPCOS B57153S0330M0 Datasheet HTML 5Page - EPCOS B57153S0330M0 Datasheet HTML 6Page - EPCOS B57153S0330M0 Datasheet HTML 7Page - EPCOS B57153S0330M0 Datasheet HTML 8Page - EPCOS B57153S0330M0 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
1) For details on the capacitance Ctest as well as on the parameters k and n refer to "Application notes", chapters 1.6 and 1.7.
Applications
Switch-mode power supplies
Features
Useable in series connections up to 265 VRMS
Coated thermistor disk
Cost-effective NTC for low-power applications
Kinked leads of tinned copper wire
Small size
UL approval (E69802)
Options
Resistance tolerance <20% and alternative lead
configurations available on request
Delivery mode
Bulk (standard) or with cardboard tape on 350-mm reel
Dimensional drawing
Dimensions in mm
Approx. weight 0.6 g
General technical data
Climatic category
(IEC 60068-1)
55/170/21
Max. power
(at 25
°C)
Pmax
1.4
W
Resistance tolerance
∆R
R/RR
±20
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 8
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 30
s
Heat capacity
Cth
approx. 240
mJ/K
Electrical specification and ordering codes
R25
Imax
(0...65
°C)
A
B25/100
K
Ctest1)
230 V AC
µF
Ctest1)
110 V AC
µF
Param.
for R(I)1)
k
Param.
for R(I)1)
n
Ordering code
** = Delivery mode
00 = Bulk
51 = Reel packing
4.7
3.0
2800
100
400
0.644
1.30
B57153S0479M0**
8
2.2
2800
100
400
0.778
1.30
B57153S0809M0**
10
2.0
2800
100
400
0.838
1.30
B57153S0100M0**
15
1.8
2900
100
400
0.934
1.32
B57153S0150M0**
16
1.7
2900
100
400
0.953
1.32
B57153S0160M0**
20
1.6
3000
100
400
0.986
1.33
B57153S0200M0**
33
1.3
3000
100
400
1.18
1.33
B57153S0330M0**
Inrush current limiters
B57153S0***M0**
ICLs
S153
Page 2 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57153S0330M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0330M0 EPCOS-B57153S0330M0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S0330M000 EPCOS-B57153S0330M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57153S0330M000 EPCOS-B57153S0330M000 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0330M000 EPCOS-B57153S0330M000 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S0330M051 EPCOS-B57153S0330M051 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results

Similar Description - B57153S0330M0

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57238S0259M000 EPCOS-B57238S0259M000_11 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57153S330M EPCOS-B57153S330M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com