Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6350-3.5T92RLG Datasheet(PDF) 1 Page - Gamma Microelectronics Inc.

Part # GM6350-3.5T92RLG
Description  450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6350-3.5T92RLG Datasheet(HTML) 1 Page - Gamma Microelectronics Inc.

  GM6350-3.5T92RLG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6350-3.5T92RLG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
GM6350
450mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
www.gammamicro.com.tw
GM6350-x.x
VIN
VOUT
VSS
CIN
1µF
(Tantalum)
VIN
RL
COUT
1µF
(Tantalum)
Application
Palmtops
Portable Cameras
Video Recorders
Battery Powered Equipment
Reference Voltage Sources
Typical Application Circuits
Description
GM6350 series is a group of positive voltage
output, three-pin regulators, that provide a high
current even when the input/output voltage
differential is small. Low power consumption and
high accuracy is achieved through CMOS and
programmable fuse technologies, with the output
voltage range from 1.5V to 6.0V
GM6350 consists of a high precision voltage
reference, an error correction circuit, and a current
limited output driver. Transient response to load
variations has been improved in comparison to
the existing series. The GM6350 incorporates
both over temperature and over current
protection.
Features
Maximum output current up 450mA
Output voltage from 1.5V to 6.0V in
0.1V increments
Output voltage accuracy : ±2%
CMOS low power consumption,
typically 15µA at VOUT = 5.0V
Input stability: typically 0.2%/V
Ultra low dropout voltage: 0.3V @ IOUT
= 300mV at VOUT = 5.0V
SOT-23 (150mW), SOT-89 (500mW) and
TO-92 packages


Similar Part No. - GM6350-3.5T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-3.0ST89R GAMMA-GM6350-3.0ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-3.3ST89R GAMMA-GM6350-3.3ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results

Similar Description - GM6350-3.5T92RLG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com