Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-1.8TC3TG Datasheet(PDF) 11 Page - Gamma Microelectronics Inc.

Part # GM6603-1.8TC3TG
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-1.8TC3TG Datasheet(HTML) 11 Page - Gamma Microelectronics Inc.

Back Button GM6603-1.8TC3TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6603-1.8TC3TG Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
Package Outline Dimensions
– TO252
S
E
A
T
I N
G
P
L
A
N
0.370
– 0.410
(9.400
– 10.420)
0.205
– 0.215
(5.210
– 5.460)
0.210
– 0.228
(5.330
– 5.800)
0.055
– 0.080
(1.400
– 2.030)
0.018
– 0.023
(0.460
– 0.580)
0.030
– 0.045
(0.760
– 1.140)
0.180
(4.570)
TYP
0.090
(2.285)
TYP
0.045
– 0.060
(1.150
– 1.520)
0.039
– 0.050
(1.020
– 1.270)
0.018
– 0.023
(0.460
– 0.580)
0.020
(0.510)
MIN
Note:
Pb-free products:
 RoHS compliant and compatible with the current require-ments of IPC/JEDEC J-STD-020.
 Suitable for use in Pb-free soldering processes with 100% matte tin (Sn) plating.
Green products:
 Lead-free (RoHS compliant)
 Halogen free(Br or Cl does not exceed 900ppm by weight in homogeneous material and total of
Br and Cl does not exceed 1500ppm by weight)


Similar Part No. - GM6603-1.8TC3TG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-1.8TC3T ETC2-GM6603-1.8TC3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-1.8TC3T GAMMA-GM6603-1.8TC3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-1.8TC3T GAMMA-GM6603-1.8TC3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-1.8TC3TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com