Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82733F2192B001 Datasheet(PDF) 3 Page - EPCOS

Part # B82733F2192B001
Description  Power line chokes Current-compensated frame core double chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82733F2192B001 Datasheet(HTML) 3 Page - EPCOS

  B82733F2192B001 Datasheet HTML 1Page - EPCOS B82733F2192B001 Datasheet HTML 2Page - EPCOS B82733F2192B001 Datasheet HTML 3Page - EPCOS B82733F2192B001 Datasheet HTML 4Page - EPCOS B82733F2192B001 Datasheet HTML 5Page - EPCOS B82733F2192B001 Datasheet HTML 6Page - EPCOS B82733F2192B001 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawing and layout recommendation
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
2000 V AC, 2 s (line/line)
Rated temperature TR
+40
qC
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 10 kHz, 0.1 mA, +20 °C.
Inductance is specified per winding.
Inductance tolerance
–30/+50% at +20 °C
Inductance decrease
'L/L
0
<10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 10 kHz, 5 mA, +20 °C,
typical values
DC resistance Rtyp
Measured at +20 °C; typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245
r5) °C, (3 r0.3) s
Wetting of soldering area
t 95%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260
r5) °C, (10 r1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
d 75% RH
Weight
Approx. 18 g
Approvals
EN 60938-2, UL 1283
Dimensions in mm
B82733F
Power line chokes
Current-compensated frame core double chokes


Similar Part No. - B82733F2192B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82733F2192B001 EPCOS-B82733F2192B001 Datasheet
119Kb / 6P
   Power line chokes
B82733F2192B001 EPCOS-B82733F2192B001 Datasheet
677Kb / 6P
   Current-compensated frame core double chokes
logo
TDK Electronics
B82733F2192B001 TDK-B82733F2192B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
More results

Similar Description - B82733F2192B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
   Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
   Current-compensated frame core double chokes
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
   Current-compensated frame core double chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82720A2102N040 TDK-B82720A2102N040 Datasheet
728Kb / 6P
   Power line chokes Current-compensated ring core double chokes
B82720S2102N040 TDK-B82720S2102N040 Datasheet
812Kb / 8P
   Power line chokes Current-compensated SMD ring core double chokes
logo
EPCOS
B82721 EPCOS-B82721 Datasheet
280Kb / 10P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82791-H EPCOS-B82791-H Datasheet
111Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82720-A EPCOS-B82720-A Datasheet
61Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
B82726-S EPCOS-B82726-S Datasheet
65Kb / 3P
   Chokes for Power Lines Current-Compensated Ring Core Double Chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com