Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA309AIPWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PGA309AIPWT
Description  Voltage Output Programmable Sensor Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA309AIPWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button PGA309AIPWT Datasheet HTML 2Page - Texas Instruments PGA309AIPWT Datasheet HTML 3Page - Texas Instruments PGA309AIPWT Datasheet HTML 4Page - Texas Instruments PGA309AIPWT Datasheet HTML 5Page - Texas Instruments PGA309AIPWT Datasheet HTML 6Page - Texas Instruments PGA309AIPWT Datasheet HTML 7Page - Texas Instruments PGA309AIPWT Datasheet HTML 8Page - Texas Instruments PGA309AIPWT Datasheet HTML 9Page - Texas Instruments PGA309AIPWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PGA309
SBOS292C – DECEMBER 2003 – REVISED JANUARY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VSA= VSD = +5V (VSA = VSUPPLY ANALOG, VSD = VSUPPLY DIGITAL; VSA must equal VSD), GNDD = GNDA = 0, and VREF
= REFIN/REFOUT = +5V, unless otherwise noted.
PGA309
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Temperature ADC. continued
xx Offset vs VSA
GPGA = 1
800
mV/V
GPGA = 2
400
mV/V
GPGA = 4
200
mV/V
GPGA = 8
150
mV/V
xx Gain Error
0.05
0.50
%
xx Gain Error Drift
5
50
ppm/°C
xx Noise
All gains
< 1
LSB
xx Gain vs VSA
80
ppm/V
xx Common-Mode Rejection
At dc and GPGA = 8
105
dB
At dc and GPGA = 1
100
dB
Temp ADC Ext. REF (VREFT = VREF, VEXC, or VSA)
Register 6, bit D8 = 0
xx Full-Scale Input Voltage
(+Input)
− (−Input)
±VREFT/GPGA
V
xx Differential Input Impedance
2.4/GPGA
M
Ω
xx Common-Mode Input Impedance
GPGA = 1
8
M
Ω
GPGA = 2
8
M
Ω
GPGA = 4
8
M
Ω
GPGA = 8
8
M
Ω
xx Resolution
R1, R0 = ‘00’, ADC2X = ‘0’, conversion time = 6ms
11
Bits + Sign
R1, R0 = ‘01’, ADC2X = ‘0’, conversion time = 24ms
13
Bits + Sign
R1, R0 = ‘10’, ADC2X = ‘0’, conversion time = 50ms
14
Bits + Sign
R1, R0 = ‘11’, ADC2X = ‘0’, conversion time = 100ms
15
Bits + Sign
xx Integral Nonlinearity
0.01
%
xx Offset Error
GPGA = 1
2.5
mV
GPGA = 2
1.25
mV
GPGA = 4
0.7
mV
GPGA = 8
0.3
mV
xx Offset Drift
GPGA = 1
1.5
mV/°C
GPGA = 2
1.0
mV/°C
GPGA = 4
0.7
mV/°C
GPGA = 8
0.6
mV/°C
xx Gain Error
−0.2
%
xx Gain Error Drift
2
ppm/°C
xx Gain vs VSA
80
ppm/V
xx Common-Mode Rejection
At dc and GPGA = 8
100
dB
At dc and GPGA = 1
85
dB
External Temperature Current Excitation
ITEMP
Register 6, bit D11 = 1
xx Current Excitation
5.8
7
8
mA
xx Temperature Drift
5
nA/°C
xx Voltage Compliance
VSA −1.2
V
6
Submit Documentation Feedback
Copyright © 2003–2011, Texas Instruments Incorporated
Product Folder Link(s): PGA309


Similar Part No. - PGA309AIPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309AIPWT BURR-BROWN-PGA309AIPWT Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
PGA309AIPWT BURR-BROWN-PGA309AIPWT Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWT TI1-PGA309AIPWT Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309AIPWTG4 BURR-BROWN-PGA309AIPWTG4 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWTG4 TI1-PGA309AIPWTG4 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
More results

Similar Description - PGA309AIPWT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
PGA309 TI1-PGA309_14 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309_05 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com