Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B43330A5828M000 Datasheet(PDF) 5 Page - EPCOS

Part # B43330A5828M000
Description  Aluminum electrolytic capacitors Capacitors with screw terminals
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B43330A5828M000 Datasheet(HTML) 5 Page - EPCOS

  B43330A5828M000 Datasheet HTML 1Page - EPCOS B43330A5828M000 Datasheet HTML 2Page - EPCOS B43330A5828M000 Datasheet HTML 3Page - EPCOS B43330A5828M000 Datasheet HTML 4Page - EPCOS B43330A5828M000 Datasheet HTML 5Page - EPCOS B43330A5828M000 Datasheet HTML 6Page - EPCOS B43330A5828M000 Datasheet HTML 7Page - EPCOS B43330A5828M000 Datasheet HTML 8Page - EPCOS B43330A5828M000 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
B43310, B43330
Standard industrial 标准工业
标准工业
标准工业
标准工业 – 85 ˚C
Please read Cautions
& warnings and Important notes at the end of this document.
请阅读本文件结尾部分的
敬告和警告及重要事项.
Published by EPCOS (Xiamen) Co., Ltd
厦门 EPCOS 有限公司发行
Page 5 of 13
Packing 包装
包装
包装
包装
Capacitor diameter d
电容器直径 d
Packing units (pcs.)
包装单位(个)
51.6 mm
22
64.3 mm
15
76.9 mm
12
91.0 mm
8
For ecological reasons the packing is pure cardboard.
基于环保的原因,包装采用纯纸板包装。
Accessories 附件
附件
附件
附件
The following items are included in the delivery package, but are not fastened to the capacitors:
出厂包装内还包括以下附件,但未固定在电容器上:
M5
A 5.1 DIN 6797
Cylinder-head screw M5 × 8 DIN 84-4.8
圆柱头螺丝 M5 × 8 DIN 84-4.8
2.0 Nm
For terminals
用于接线柱
M6
A 6.4 DIN 6797
Cylinder-head screw M6 × 10 DIN 85-4.8
圆柱头螺丝 M6 × 10 DIN 85-4.8
2.5 Nm
For mounting
用于底部带螺栓
安装
M12
J 12.5 DIN 6797
Hex nut BM 12 DIN 439
六角螺母 BM 12 DIN 439
10 Nm
The following items must be ordered separately. For details, refer to “Data Book 2007 – Aluminum
Electrolytic Capacitors”, chapter "Screw terminals − Accessories".
以下附加必须分开订购。详细信息,参考“2007 年数据手册-铝电解电容”的“螺旋式接线柱-附件”部
分。
Item 部件
Type 类型
Ring clips 开口环
B44030
Clamps for capacitors with d ≥ 64.3 mm
用于 d ≥ 64.3 mm 的电容器的夹子
B44030
Insulating parts 绝缘部件
B44020


Similar Part No. - B43330A5828M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43330 EPCOS-B43330 Datasheet
240Kb / 13P
   Aluminum electrolytic capacitors
More results

Similar Description - B43330A5828M000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41560 TDK-B41560 Datasheet
452Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41456 TDK-B41456 Datasheet
449Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41550 TDK-B41550 Datasheet
464Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
B41554 TDK-B41554 Datasheet
410Kb / 18P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
EPCOS
B44020 EPCOS-B44020 Datasheet
444Kb / 14P
   Aluminum electrolytic capacitors Capacitors with screw terminals
logo
Vishay Siliconix
106PED-ST VISHAY-106PED-ST_V01 Datasheet
98Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
01-Jan-2023
106PED-ST VISHAY-106PED-ST_17 Datasheet
118Kb / 7P
   Aluminum Electrolytic Capacitors, Power Eurodin, Screw Terminals
Revision: 06-Sep-17
101PHRST VISHAY-101PHRST Datasheet
134Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
101102PHR-ST VISHAY-101102PHR-ST Datasheet
145Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
01-Jan-2023
101PHR-ST VISHAY-101PHR-ST_17 Datasheet
141Kb / 12P
   Aluminum Electrolytic Capacitors, Power High Ripple Current, Screw Terminals
Revision: 06-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com