Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA309AIPWRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # PGA309AIPWRG4
Description  Voltage Output Programmable Sensor Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA309AIPWRG4 Datasheet(HTML) 3 Page - Texas Instruments

  PGA309AIPWRG4 Datasheet HTML 1Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 2Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 3Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 4Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 5Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 6Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 7Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 8Page - Texas Instruments PGA309AIPWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
PGA309
www.ti.com
SBOS292C – DECEMBER 2003 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, VSA= VSD = +5V (VSA = VSUPPLY ANALOG, VSD = VSUPPLY DIGITAL; VSA must equal VSD), GNDD = GNDA = 0, and VREF
= REFIN/REFOUT = +5V, unless otherwise noted.
PGA309
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Front-End PGA + Output Amplifier
VOUT/VIN Differential Signal Gain Range
(1)
Fine gain adjust = 1
8 to 1152
V/V
Front-End PGA Gains: 4, 8, 16, 23.27, 32, 42.67, 64, 128
Output Amplifier gains: 2, 2.4, 3, 3.6, 4.5, 6, 9
Input Voltage Noise Density
f = 1kHz
210
nV/
√Hz
VOUT Slew Rate
0.5
V/ms
VOUT Settling Time (0.01%)
VOUT/VIN Differential gain = 8, RL = 5kΩ || 200pF
6
ms
VOUT Settling Time (0.01%)
VOUT/VIN Differential gain = 191, RL = 5kΩ || 200pF
4.1
ms
VOUT Nonlinearity
0.002
%FSR
External Sensor Output Sensitivity
VSA = VSD = VEXC = +5V
1 to 245
mV/V
Front-End PGA
Auto-Zero Internal Frequency
7
kHz
Offset Voltage (RTI)
(2)
Coarse offset adjust disabled
±3
±50
mV
vs Temperature
±0.2
mV/°C
vs Supply Voltage, VSA
±2
mV/V
vs Common-Mode Voltage
GF = Front-End PGA gain
1500/GF
6000/GF
mV/V
Linear Input Voltage Range
(3)
0.2
VSA − 1.5
V
Input Bias Current
0.1
1.5
nA
Input Impedance: Differential
30 || 6
G
Ω || pF
Input Impedance: Common-Mode
50 || 20
G
Ω || pF
Input Voltage Noise
0.1Hz to 10Hz, GF = 128
4
mVPP
PGA Gain
Gain Range Steps
4, 8, 16, 23.27, 32, 42.67, 64, 128
4 to 128
V/V
Initial Gain Error
GF = 4 to 42
0.2
±1
%
GF = 64
0.25
±1.2
%
GF = 128
0.3
±1.6
%
vs Temperature
10
ppm/°C
Output Voltage Range
0.05 to VSA − 0.1
V
Bandwidth
Gain = 4
400
kHz
Gain = 128
60
kHz
Coarse Offset Adjust
(RTI of Front-End PGA)
Range
±(14)(VREF)(0.00085)
±56
±59.5
±64
mV
vs Temperature
0.004
%/°C
Drift
±14 steps, 4-bit + sign
4
mV
Fine Offset Adjust (Zero DAC)
(RTO of the Front-End PGA)
(2)
Programming Range
0
VREF
V
Output Voltage Range
0.1
VSA – 0.1
V
Resolution
65,536 steps, 16-bit DAC
73
mV
Integral Nonlinearity
20
LSB
Differential Nonlinearity
0.5
LSB
Gain Error
0.1
%
Gain Error Drift
10
ppm/°C
Offset
5
mV
Offset Drift
10
mV/°C
(1)
PGA309 total differential gain from input (VIN1 – VIN2) to output (VOUT). VOUT / (VIN1 – VIN2) = (Front-end PGA gain) × (Output Amplifier
gain) × (Gain DAC).
(2)
RTI = Referred-to-input. RTO = referred to output.
(3)
Linear input range is the allowed min/max voltage on the VIN1 and VIN2 pins for the input PGA to continue to operate in a linear region.
The allowed common-mode and differential voltage depends on gain and offset settings. Refer to the Gain Scaling section for more
information.
Copyright © 2003–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PGA309


Similar Part No. - PGA309AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309AIPWRG4 BURR-BROWN-PGA309AIPWRG4 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309AIPWRG4 TI1-PGA309AIPWRG4 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
More results

Similar Description - PGA309AIPWRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309 Datasheet
298Kb / 20P
   Voltage Output PROGRAMMABLE SENSOR CONDITIONER
logo
Texas Instruments
PGA309-HT TI1-PGA309-HT Datasheet
940Kb / 27P
[Old version datasheet]   VOLTAGE OUTPUT PROGRAMMABLE SENSOR CONDITIONER
PGA309 TI1-PGA309_14 Datasheet
812Kb / 25P
[Old version datasheet]   Voltage Output Programmable Sensor Conditioner
logo
Burr-Brown (TI)
PGA309 BURR-BROWN-PGA309_05 Datasheet
478Kb / 22P
   Voltage Output PROFRAMMABLE SENSOR CONDITIONER
logo
Integrated Device Techn...
ZSC31010 IDT-ZSC31010 Datasheet
436Kb / 43P
   Analog Output Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZSC31014 ZMD-ZSC31014 Datasheet
239Kb / 2P
   Digital Output Sensor Signal Conditioner
logo
Integrated Device Techn...
ZSC31014 IDT-ZSC31014 Datasheet
706Kb / 58P
   Digital Output Sensor Signal Conditioner
logo
Renesas Technology Corp
ZSC31014 RENESAS-ZSC31014 Datasheet
1Mb / 59P
   RBicilite??Digital Output Sensor Signal Conditioner
ZSC31010 RENESAS-ZSC31010 Datasheet
575Kb / 44P
   RBicLiteTM Analog Output Sensor Signal Conditioner
ZSSC4151 RENESAS-ZSSC4151 Datasheet
641Kb / 14P
   Automotive Sensor Signal Conditioner with Analog Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com