Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-5.0TC3R Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6603-5.0TC3R
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-5.0TC3R Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

Back Button GM6603-5.0TC3R Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 11Page - Gamma Microelectronics Inc. GM6603-5.0TC3R Datasheet HTML 12Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
(a) Fixed version
(b) Adjustable version
Conductor
Parasitic
Resistance
R
C
V
IN
V
OUT
GM6603-3.3
GND
RLOAD
Conductor
Parasitic
Resistance
R
C
V
IN
V
OUT
GM6603-A
ADJ
RLOAD
R1
R2
Output Voltage Sensing
GM6603 series is a three-terminal regulator, so it cannot provide true remote load sensing. Load
regulation is limited by the resistance of the conductors connecting the regulator to the load. For best
results, GM6603 should be connected as shown 1n F1gure 2.
Calculating Power Dissipation and Heat Sink Requirements
GM6603 series include thermal shutdown and current limit circuitry to protect the devices. However, high
power regulators normally operate at high junction temperatures so it is important to calculate the power
dissipation and junction temperatures accurately to be sure to use an adequate heat sink. The case is
connected to VOUT on GM6603, so electrical isolation may be required for some applicat1ons. Thermal
compound should always be used with high current regulators like GM6603.
The thermal characteristics of an IC depend on four factors:
1.
Maximum Ambient Temperature TA (°C)
2.
Power Dissipation PD (Watts)
3.
Maximum Junction Temperature TJ (°C)
4.
Thermal Resistance Junction to amb1ent
JA
The relationship of these four factors is expressed by equation (1):
TJ = TA + PD x JA
Maximum ambient temperature and power dissipation are determ1ned by the design while the maximum
junction temperature and thermal resistance depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is expressed by equation (2):
PD(MAX) = (VIN(MAX) – VOUT(MIN) ) x IOUT(MIN) + VIN(MIN) x IQ
where:
VIN(MAX) is the maximum input voltage,
VOUT(MIN) is the minimum output voltage,
IOUT(MAX) is the maximum output current
IQ is the max1mum quiescent current at IOUT(MAX).
A heat sink effect1vely increases the surface area of the package to improve the flow of heat away
from the IC into the air. Each material in the heat flow path between the IC and the environment has a
thermal resistance. Like series electrical resistances, these resistance are summed to determine
JA,
the total thermal resistance between the junction and the air. This is expressed by equation (3):
JA = JC + CS + SA
where:
JC is the thermal resistance of Junction to Case,
CS is the thermal resistance of Case to Heat Sink,
SA is the thermal resistance of Heat Sink to Ambient air.
The value for
JA is calculated using equation (3) and the result can be substituted in equation (1). The
value for
CS is 3.5°C/W for a given package typed based on an average d1ie size. For a high current
regulator such as GM6603, the majority of the heat is generated in the power transistor sect1on.
Figure 1. Conductor Parasitic Resistance Effects are Minimized by
this Grounding Scheme.


Similar Part No. - GM6603-5.0TC3R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-5.0TC3R ETC2-GM6603-5.0TC3R Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-5.0TC3R GAMMA-GM6603-5.0TC3R Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-5.0TC3R GAMMA-GM6603-5.0TC3R Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-5.0TC3R

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com