Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM7130HV-ATA5TG Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM7130HV-ATA5TG
Description  3A STEP DOWN VOLTAGE SWITCHING REGULATORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM7130HV-ATA5TG Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM7130HV-ATA5TG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 9Page - Gamma Microelectronics Inc. GM7130HV-ATA5TG Datasheet HTML 10Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
GM7130HV
3A STEP DOWN VOLTAGE SWITCHING
REGULATORS
Test Circuit and Layout Guidelines
Careful layout is important with any switching regulators. Rapidly switching currents associated with
wiring inductance generate voltage transients which can cause problems. To minimize inductance
and ground loops, the lengths of the leads indicated by heavy lines in Figure 1& 2 below should be
kept as short as possible. Single point grounding (as indicated ) or ground plane construction should
be used for best results. W hen using the Adjustable version, place the programming resistors as
close as possible to GM7130HV, to keep the sensitive feedback wiring short.
Figure 1 Fixed Ouput Votlage Versions
CIN = 100μF, 75V, Aluminum Electrolytic
COUT = 1000μF, 25V, Aluminum Electrolytic
D1 = Schottky, MBR360
L1 = 100
μH
Figure 2 Adjustable Ouput Votlage Versions
CIN = 100μF, 75V, Aluminum Electrolytic
COUT = 1000μF, 25V, Aluminum Electrolytic
D1 = Schottky
L1 = 100
μH
VOUT = VREF (1 + R2/R1)
where VREF = 1.23V and R1 is between 1K to 5K
VIN
Unregulatedd
DC Input
CIN
100μF
COUT
100
0μF
L1
10
0μH
D1
VOUT
L
O
A
D
4
Feedback
2
Output
3
GND
1
VIN
GM7130HV-x.x
VIN
Unregulatedd
DC Input
CIN
100μF
COUT
1000
μF
L1
10
0μH
D1
MBR360
VOUT
5.0V
L
O
A
D
4
FB
2
VOUT
3
GND
1
VIN
GM7130HV-ADJ
R2
R1
5
ON/OFF
5
ON/OFF
D1
MBR360


Similar Part No. - GM7130HV-ATA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130HV-ATA5TG GAMMA-GM7130HV-ATA5TG Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV-ATA5TG LEIDITECH-GM7130HV-ATA5TG Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results

Similar Description - GM7130HV-ATA5TG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
   3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Gamma Microelectronics ...
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
   3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_13 Datasheet
538Kb / 11P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7230 GAMMA-GM7230_1 Datasheet
154Kb / 10P
   150KHz, 3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
List of Unclassifed Man...
GM7130 ETC1-GM7130 Datasheet
253Kb / 13P
   3A STEP-DOWN VOLTAGE REGULATORS
logo
Linear Technology
LT3430-1 LINER-LT3430-1 Datasheet
326Kb / 28P
   High Voltage, 3A,200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com