Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82479A1333M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82479A1333M000
Description  SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82479A1333M000 Datasheet(HTML) 5 Page - EPCOS

  B82479A1333M000 Datasheet HTML 1Page - EPCOS B82479A1333M000 Datasheet HTML 2Page - EPCOS B82479A1333M000 Datasheet HTML 3Page - EPCOS B82479A1333M000 Datasheet HTML 4Page - EPCOS B82479A1333M000 Datasheet HTML 5Page - EPCOS B82479A1333M000 Datasheet HTML 6Page - EPCOS B82479A1333M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
06/12
Impedance |Z| versus frequency f
measured with impedance analyzer
Agilent 4294A, typical values at +20 °C
Current derating Iop/IR
versus ambient temperature TA
(rated temperature TR = +85 °C)
Inductance L versus DC load current IDC
measured with LCR meter Agilent 4275A,
typical values at 20 °C
0
0
0.2
0.4
I
0.6
R
0.8
1.0
op
I
1.2
A
T
IND0602-K
C
˚
20
40
60
80
100 120
150
B82479A1
SMT power inductors
Size 18.54 x 15.24 x 7.11 (mm)


Similar Part No. - B82479A1333M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82479A1333M000 EPCOS-B82479A1333M000 Datasheet
181Kb / 7P
   SMT power inductors
More results

Similar Description - B82479A1333M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476B1105M100 EPCOS-B82476B1105M100 Datasheet
729Kb / 7P
   Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
logo
Transko Electronics, In...
TANB1807F TRANSKO-TANB1807F Datasheet
755Kb / 3P
   Power Inductor SMD (18.60 X 15.30 X 7.11 mm)
Rev 1: 04-27-2018
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
   SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
   SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
   Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
   26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
   20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
   29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
   20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
logo
Varitronix internationa...
MDL-20265 VARITRONIX-MDL-20265 Datasheet
73Kb / 1P
   CHARACTER SIZE : 3.20W X 4.85H mm (5 X 7 DOTS), 3.20W X 5.55H mm (5 X 8 DOTS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com