Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82479A1332M000 Datasheet(PDF) 1 Page - EPCOS

Part # B82479A1332M000
Description  SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82479A1332M000 Datasheet(HTML) 1 Page - EPCOS

  B82479A1332M000 Datasheet HTML 1Page - EPCOS B82479A1332M000 Datasheet HTML 2Page - EPCOS B82479A1332M000 Datasheet HTML 3Page - EPCOS B82479A1332M000 Datasheet HTML 4Page - EPCOS B82479A1332M000 Datasheet HTML 5Page - EPCOS B82479A1332M000 Datasheet HTML 6Page - EPCOS B82479A1332M000 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
a~í~=pÜÉÉí
a~í~=pÜÉÉí
EPCOS AG 2012. Reproduction, publication and dissemination of this publication, enclosures
hereto and the information contained therein without EPCOS’ prior express consent is prohibited.
SMT power inductors
Size 18.54
15.24
7.11 (mm)
Series/Type:
B82479A1
Date:
June 2012


Similar Part No. - B82479A1332M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82479A1332M000 EPCOS-B82479A1332M000 Datasheet
181Kb / 7P
   SMT power inductors
More results

Similar Description - B82479A1332M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476B1105M100 EPCOS-B82476B1105M100 Datasheet
729Kb / 7P
   Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
logo
Transko Electronics, In...
TANB1807F TRANSKO-TANB1807F Datasheet
755Kb / 3P
   Power Inductor SMD (18.60 X 15.30 X 7.11 mm)
Rev 1: 04-27-2018
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
   SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
   SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
   Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
   26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
   20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
   29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
   20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
logo
Varitronix internationa...
MDL-20265 VARITRONIX-MDL-20265 Datasheet
73Kb / 1P
   CHARACTER SIZE : 3.20W X 4.85H mm (5 X 7 DOTS), 3.20W X 5.55H mm (5 X 8 DOTS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com