Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82462G4224M000 Datasheet(PDF) 5 Page - EPCOS

Part # B82462G4224M000
Description  SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82462G4224M000 Datasheet(HTML) 5 Page - EPCOS

  B82462G4224M000 Datasheet HTML 1Page - EPCOS B82462G4224M000 Datasheet HTML 2Page - EPCOS B82462G4224M000 Datasheet HTML 3Page - EPCOS B82462G4224M000 Datasheet HTML 4Page - EPCOS B82462G4224M000 Datasheet HTML 5Page - EPCOS B82462G4224M000 Datasheet HTML 6Page - EPCOS B82462G4224M000 Datasheet HTML 7Page - EPCOS B82462G4224M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Characteristics and ordering codes
Sample kit available. Ordering code: B82462X004
For more information refer to chapter “Sample kits”.
1) For Ni-barrier-plated terminals replace the last two digits “00” by “50”.
LR
H
Tolerance fL
MHz
IR
A
Isat
A
Rmax
Ordering code
0.82
20%
M 0.1
3.45
4.45
0.015
B82462G4821M000
1.0
0.1
3.40
4.40
0.016
B82462G4102M000
1.2
0.1
3.25
3.90
0.017
B82462G4122M000
1.5
0.1
3.10
3.60
0.020
B82462G4152M000
2.2
0.1
2.55
2.60
0.025
B82462G4222M000
3.3
0.1
2.30
2.10
0.031
B82462G4332M000
4.7
0.1
2.00
1.80
0.040
B82462G4472M000
6.8
0.1
1.65
1.50
0.050
B82462G4682M000
10
0.1
1.50
1.30
0.062
B82462G4103M000
15
0.1
1.25
1.05
0.097
B82462G4153M000
22
0.1
1.05
0.85
0.15
B82462G4223M000
33
0.1
0.85
0.72
0.23
B82462G4333M000
47
0.1
0.75
0.60
0.31
B82462G4473M000
68
0.1
0.65
0.50
0.41
B82462G4683M000
100
0.1
0.53
0.42
0.58
B82462G4104M000
150
0.1
0.38
0.33
1.05
B82462G4154M000
220
0.1
0.35
0.28
1.35
B82462G4224M000
330
0.1
0.27
0.22
2.30
B82462G4334M000
470
0.1
0.24
0.18
2.70
B82462G4474M000
680
0.1
0.20
0.15
4.05
B82462G4684M000
1000
0.1
0.16
0.13
6.00
B82462G4105M000
^
B82462G4
SMT power inductors
Size 6.3 x 6.3 x 3.0 (mm)


Similar Part No. - B82462G4224M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82462G4224M000 EPCOS-B82462G4224M000 Datasheet
164Kb / 8P
   SMT power inductors
B82462G4224M000 EPCOS-B82462G4224M000 Datasheet
542Kb / 8P
   SMT power inductors
B82462G4224M000 EPCOS-B82462G4224M000 Datasheet
542Kb / 8P
   SMT power inductors
B82462G4224M000 EPCOS-B82462G4224M000 Datasheet
542Kb / 8P
   SMT power inductors
B82462G4224M000 EPCOS-B82462G4224M000 Datasheet
542Kb / 8P
   SMT power inductors
More results

Similar Description - B82462G4224M000

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
231685 SCHURTER-231685 Datasheet
213Kb / 1P
   Clip, 6.3 x 32 mm
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
00318231 SCHURTER-00318231 Datasheet
415Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318241 SCHURTER-00318241 Datasheet
417Kb / 2P
   Fuseholder Open Design, 5 x 20 / 6.3 x 32 mm
00318002 SCHURTER-00318002 Datasheet
395Kb / 2P
   Fuseholder Open Design, 6.3 x 32 mm, THT
RSH SCHURTER-RSH Datasheet
403Kb / 2P
   Fuseholder Open Design, 6.3 x 32 mm, Solder
logo
EPCOS
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
   SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
logo
Schurter Inc.
0031.1714 SCHURTER-0031.1714 Datasheet
511Kb / 3P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Slot
0031.1801 SCHURTER-0031.1801 Datasheet
221Kb / 2P
   Shock-Safe Fuseholder, 5 x 20 / 6.3 x 32 mm, Fingergrip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com