Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6350-2.2ST23RG Datasheet(PDF) 8 Page - Gamma Microelectronics Inc.

Part # GM6350-2.2ST23RG
Description  450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6350-2.2ST23RG Datasheet(HTML) 8 Page - Gamma Microelectronics Inc.

  GM6350-2.2ST23RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6350-2.2ST23RG Datasheet HTML 9Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
GM6350
450mA ULTRA LOW DROPOUT
POSITIVE VOLTAGE REGULATOR
Package Outline Dimensions – TO 92
2.10 - 2.27
4.7 - 5.2
0.4 - 0.55
Typ.
3.85 - 4.19
12.7 - 14.2
1.22 - 1.32
4.9 - 5.2
Dimensions are in millimeters


Similar Part No. - GM6350-2.2ST23RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350-2.5ST89R GAMMA-GM6350-2.5ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
More results

Similar Description - GM6350-2.2ST23RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6353 GAMMA-GM6353 Datasheet
69Kb / 7P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251 ETC2-GM6251 Datasheet
140Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
ADDtek Corp
AMC7638 ADDTEK-AMC7638 Datasheet
240Kb / 8P
   450mA LOW DROPOUT REGULATOR
MAY 2007
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com