Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82479A1 Datasheet(PDF) 2 Page - EPCOS

Part # B82479A1
Description  SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82479A1 Datasheet(HTML) 2 Page - EPCOS

  B82479A1 Datasheet HTML 1Page - EPCOS B82479A1 Datasheet HTML 2Page - EPCOS B82479A1 Datasheet HTML 3Page - EPCOS B82479A1 Datasheet HTML 4Page - EPCOS B82479A1 Datasheet HTML 5Page - EPCOS B82479A1 Datasheet HTML 6Page - EPCOS B82479A1 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated inductance 1 ... 1000 μH
Rated current 0.56 ... 8.6 A
Construction
Ferrite core
Winding: enamel copper wire
Winding soldered to terminals
Plastic terminal carrier
Features
Temperature range up to +150 °C
High rated current
Low DC resistance
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
RoHS-compatible
Applications
Filtering of supply voltages
Coupling, decoupling
DC/DC converters
Automotive electronics
Telecommunications
Industrial electronics
Terminals
Base material CuSn6P
Layer composition Ni, Sn (lead-free)
Electro-plated
Marking
Marking on component:
Manufacturer, L value ( H, coded),
manufacturing date (YWWD)
Minimum data on reel:
Manufacturer, ordering code, L value,
quantity, date of packing
Delivery mode and packing unit
32-mm blister tape, wound on 330-mm
reel
Packing unit: 250 pcs./reel
B82479A1
SMT power inductors
Size 18.54 x 15.24 x 7.11 (mm)


Similar Part No. - B82479A1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82479A1 EPCOS-B82479A1 Datasheet
181Kb / 7P
   SMT power inductors
B82479A1102M000 EPCOS-B82479A1102M000 Datasheet
181Kb / 7P
   SMT power inductors
B82479A1103M000 EPCOS-B82479A1103M000 Datasheet
181Kb / 7P
   SMT power inductors
B82479A1104M EPCOS-B82479A1104M Datasheet
299Kb / 22P
   45 V, 1 A NPN medium power transistors
B82479A1104M000 EPCOS-B82479A1104M000 Datasheet
181Kb / 7P
   SMT power inductors
More results

Similar Description - B82479A1

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82476B1105M100 EPCOS-B82476B1105M100 Datasheet
729Kb / 7P
   Ferrite core, Winding: enamel copper wire, Winding soldered to terminals
logo
Transko Electronics, In...
TANB1807F TRANSKO-TANB1807F Datasheet
755Kb / 3P
   Power Inductor SMD (18.60 X 15.30 X 7.11 mm)
Rev 1: 04-27-2018
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
   SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
B82464G4 EPCOS-B82464G4_12 Datasheet
536Kb / 8P
   SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
logo
Lineage Power Corporati...
JC050A1 LINEAGEPOWER-JC050A1 Datasheet
1Mb / 16P
   Small size: 61.0 mm x 57.9 mm x 12.7 mm (2.40 in. x 2.28 in. x 0.50 in.)
logo
Abracon Corporation
ABBTM-2.4GHZ-T ABRACON-ABBTM-2.4GHZ-T Datasheet
2Mb / 6P
   26.9 x 13.0 x 2.5 mm SMT Bluetooth Module
01.10.12
ABBTM-2.4GHZ-31-T ABRACON-ABBTM-2.4GHZ-31-T Datasheet
3Mb / 6P
   20.0 x 13.0 x 2.0 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-33-T ABRACON-ABBTM-2.4GHZ-33-T Datasheet
2Mb / 4P
   29.0 x 25.5 x 2.8 mm SMT Bluetooth Module
01.14.15
ABBTM-2.4GHZ-51-T ABRACON-ABBTM-2.4GHZ-51-T Datasheet
5Mb / 8P
   20.0 x 13.4 x 2.2 mm SMT Bluetooth Module
01.14.15
logo
Varitronix internationa...
MDL-20265 VARITRONIX-MDL-20265 Datasheet
73Kb / 1P
   CHARACTER SIZE : 3.20W X 4.85H mm (5 X 7 DOTS), 3.20W X 5.55H mm (5 X 8 DOTS)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com