Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82464G4473M000 Datasheet(PDF) 2 Page - EPCOS

Part # B82464G4473M000
Description  SMT power inductors Size 10.4 x 10.4 x 4.8 (mm) Ferrite core
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82464G4473M000 Datasheet(HTML) 2 Page - EPCOS

  B82464G4473M000 Datasheet HTML 1Page - EPCOS B82464G4473M000 Datasheet HTML 2Page - EPCOS B82464G4473M000 Datasheet HTML 3Page - EPCOS B82464G4473M000 Datasheet HTML 4Page - EPCOS B82464G4473M000 Datasheet HTML 5Page - EPCOS B82464G4473M000 Datasheet HTML 6Page - EPCOS B82464G4473M000 Datasheet HTML 7Page - EPCOS B82464G4473M000 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Rated inductance 0.82 ... 1000 μH
Rated current 0.34 ... 7.6 A
Construction
Ferrite core
Magnetically shielded
Winding: enamel copper wire
Winding welded to terminals
Features
Temperature range up to +150 °C
High rated current
Low DC resistance
Suitable for lead-free reflow soldering
as referenced in JEDEC J-STD 020D
Qualified to AEC-Q200
RoHS-compatible
Applications
Filtering of supply voltages
Coupling, decoupling
DC/DC converters
Automotive electronics
Industrial electronics
Terminals
Base material CuFe2P
Layer composition Ag, Sn (lead-free)
Electro-plated
Marking
Marking on component:
Manufacturer, L value (nH, coded),
L tolerance (coded), manufacturing date (YWWD),
two last digits of work order
Minimum data on reel:
Manufacturer, ordering code,
L value, quantity, date of packing
Delivery mode and packing unit
16-mm blister tape, wound on 330-mm
reel
Packing unit: 750 pcs./reel
B82464G4
SMT power inductors
Size 10.4 x 10.4 x 4.8 (mm)


Similar Part No. - B82464G4473M000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82464G4473M000 EPCOS-B82464G4473M000 Datasheet
181Kb / 8P
   SMT power inductors
B82464G4473M000 EPCOS-B82464G4473M000 Datasheet
536Kb / 8P
   SMT power inductors
More results

Similar Description - B82464G4473M000

ManufacturerPart #DatasheetDescription
logo
Hantronix,Inc
HDM6448-A HANTRONIX-HDM6448-A Datasheet
26Kb / 1P
   640 X 480 10.4 VGA Monochrome
HDM6448C HANTRONIX-HDM6448C Datasheet
51Kb / 1P
   640 X 480 10.4 VGA Color
logo
EPCOS
B82462G4 EPCOS-B82462G4 Datasheet
542Kb / 8P
   SMT power inductors Size 6.3 x 6.3 x 3.0 (mm) Magnetically shielded
logo
AAEON Technology
AWK-3004 AAEON-AWK-3004 Datasheet
671Kb / 2P
   10.4??VGA (640 x 480) Color TFT LCD
logo
Transko Electronics, In...
CS1042 TRANSKO-CS1042 Datasheet
244Kb / 1P
   PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
CS1041 TRANSKO-CS1041 Datasheet
244Kb / 1P
   PLASTIC MOLDED SMD TUNING FORK CRYSTAL (10.4 x 4.0 x 3.6mm)
Rev. 0: Aug, 2020
logo
EPCOS
B82479A1 EPCOS-B82479A1 Datasheet
541Kb / 7P
   SMT power inductors Size 18.54 x 15.24 x 7.11 (mm) Winding: enamel copper wire
logo
Hantronix,Inc
HDM6448ATSC HANTRONIX-HDM6448ATSC Datasheet
91Kb / 1P
   640 X 480 10.4 VGA Color w/Touch Screen
logo
Schneider Electric
HMIGK5310 SCHNEIDER-HMIGK5310 Datasheet
158Kb / 8P
   Keypad-touchscreen panel color - 640 x 480 pixels VGA -10.4
May 2, 2022
logo
Hantronix,Inc
HDA1040S-G HANTRONIX-HDA1040S-G Datasheet
2Mb / 21P
   10.4?? TFT SVGA (800 X 600) COLOR LCD DISPLAY MODULE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com