Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66100-2.5TA3RG Datasheet(PDF) 3 Page - Gamma Microelectronics Inc.

Part # GM66100-2.5TA3RG
Description  1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM66100-2.5TA3RG Datasheet(HTML) 3 Page - Gamma Microelectronics Inc.

  GM66100-2.5TA3RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 6Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 7Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 8Page - Gamma Microelectronics Inc. GM66100-2.5TA3RG Datasheet HTML 9Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
4
GM6610x Series
1.0A ULTRA LOW DROPOUT VOLTAGE
REGULATORS
Ordering Information
Ordering Number
Output Voltage
Package
Shipping
GM66100
GM66100-1.8TA3RG
1.8V
TO-263
800 Units / Reel
GM66100-1.8TB3TG
1.8V
TO-220
50 Units/Tube
GM66100-1.8TC3TG
1.8V
TO-252
2,500 Units/Reel
GM66100-1.8ST3RG
1.8V
SOT-223
2,500 Units/Reel
GM66100-2.5TA3RG
2.5V
TO-263
800 Units / Reel
GM66100-2.5TB3TG
2.5V
TO-220
50 Units/Tube
GM66100-2.5TC3RG
2.5V
TO-252
2,500 Units / Reel
GM66100-2.5ST3RG
2.5V
SOT223
2,500 Units / Reel
GM66100-3.3TA3RG
3.3V
TO-263
800 Units / Reel
GM66100-3.3TB3TG
3.3V
TO-220
50 Units/Tube
GM66100-3.3TC3TG
3.3V
TO-252
2,500 Units/Reel
GM66100-3.3ST3RG
3.3V
SOT-223
2,500 Units/Reel
GM66100-5.0TA3RG
5.0V
TO-263
800 Units / Reel
GM66100-5.0TB3TG
5.0V
TO-220
50 Units/Tube
GM66100-5.0TC3RG
5.0V
TO-252
2,500 Units / Reel
GM66100-5.0ST3RG
5.0V
SOT223
2,500 Units / Reel
Ordering Information (continued)
Ordering Number
Output Voltage
Package
Shipping
GM66101
GM66101-1.8S8RG
1.8V
SOP-8
2,500 Units/Reel
GM66101-2.5S8RG
2.5V
SOP-8
2,500 Units/Reel
GM66101-3.3S8RG
3.3V
SOP-8
2,500 Units/Reel
Ordering Information (continued)
Ordering Number
Output Voltage
Package
Shipping
GM66102
GM66102S8RG
Adj
SOP-8
2,500 Units/Reel


Similar Part No. - GM66100-2.5TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100-2.5TA3RG GAMMA-GM66100-2.5TA3RG Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
More results

Similar Description - GM66100-2.5TA3RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM66100 GAMMA-GM66100_14 Datasheet
198Kb / 12P
   1.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
GM66102 GAMMA-GM66102 Datasheet
310Kb / 11P
   1A ULTRA LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS1505V ADMOS-AMS1505V_05 Datasheet
162Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
AMS1505V ADMOS-AMS1505V Datasheet
68Kb / 8P
   5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Gamma Microelectronics ...
GM66150 GAMMA-GM66150_1 Datasheet
215Kb / 19P
   1.5A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RTQ2522A RICHTEK-RTQ2522A Datasheet
262Kb / 16P
   Ultra-Low Dropout Voltage LDO Regulators
logo
Gamma Microelectronics ...
GM66300 GAMMA-GM66300_10 Datasheet
171Kb / 15P
   3.0A ULTRA LOW DROPOUT VOLTAGE REGULATORS
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
TS29100 TSC-TS29100 Datasheet
179Kb / 8P
   1.0A Ultra Low Dropout Positive Voltage Regulator
logo
California Micro Device...
CM3002 CALMIRCO-CM3002 Datasheet
352Kb / 17P
   Micropower 1.0A Low Dropout CMOS Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com