Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6603-ATB3T Datasheet(PDF) 7 Page - Gamma Microelectronics Inc.

Part # GM6603-ATB3T
Description  3.0A LOW DROPOUT PRECISION REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6603-ATB3T Datasheet(HTML) 7 Page - Gamma Microelectronics Inc.

Back Button GM6603-ATB3T Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 6Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 7Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 8Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 9Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 10Page - Gamma Microelectronics Inc. GM6603-ATB3T Datasheet HTML 11Page - Gamma Microelectronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
GM6603
3.0A LOW DROPOUT
PRECISION REGULATOR
R2
R1
GM6603-Adj
ADJ
VOUT
COUT
150
μF
VIN
1N4002
CADJ
10
μF
Application Information
GM6603 series linear regulators provide fixed and adjustable output voltages at currents up to 3.0A.
These regulators are protected against over-current conditions and include thermal shutdown protection.
The GM6603 has a composite PNP-NPN output transistor and require an output capacitor for stability.
A detailed procedure for selecting this capacitor is as below:
Stability Considerations
The circuit design used in the GM6603 series requires the use of an output capacitor as part of the device
frequency compensation. The addition of 150µF aluminum electrolytic or a 22µF solid tantalum on the output
will ensure stability for all operating conditions.
When the adjustment terminal is bypassed with a capacitor to improve the ripple rejection, the requirement
for an output capacitor increases. The value of 22µF tantalum or 150µF aluminum covers all cases of
bypassing the adjustment terminal. Without bypassing the adjustment terminal smaller capacitors can be
used with equally good results.
To ensure good transient response with heavy load current changes capacitor values on the order of 100µF
are used in the output of many regulators. To further improve stability and transient response of these
devices larger values of output capacitor can be used.
Protection Diodes
Unlike older regulators, the GM6603 family does not need any protection diodes between the adjustment pin
and the output and from the output to the input to prevent over stressing the die. Internal resistors are
limiting the internal current paths on the GM6603 adjustment pin, therefore even with capacitors on the
adjustment pin no protection diode is needed to ensure device safety under short-circuit conditions.
Microsecond surge currents of 50A to 100A can be handled by the internal diode between the input and
output pins of the device. In normal operations it is difficult to get those values of surge currents even with
the use of large output capacitances. If high value output capacitors are used, such as 1000µF to 5000µF at
the input pin, is instantaneously shorted to ground, damage can occur. A diode from output to input is
recommended, when a crowbar circuit at the input of the GM6603 is used. Normal power supply cycling or
even plugging and unplugging in the system will not generate current large enough to do any damage.
The adjustment pin can be driven on a transient basis ±25V, with respect to the output without any device
degradation. As with any IC regulator, none the protection circuitry will be functional and the internal
transistors will break down if the maximum input to output voltage differential is exceeded.
Ripple Rejection
The ripple rejection values are measured with the adjustment pin bypassed. The impedance of the adjust pin
capacitor at the ripple frequency should be less than the value of R1 (normally 100. to 120.) for a proper
bypassing and ripple rejection approaching the values shown. The size of the required adjust pin capacitor is
a function of the input ripple frequency. If R1=100. at 120Hz the adjust pin capacitor should be 25µF. At
10kHz only 0.22µF is needed. The ripple rejection will be a function of output voltage, in circuits without an
adjust pin bypass capacitor. The output ripple will increase directly as a ratio of the output voltage to the
reference voltage (VOUT / VREF).
Diodes between the input and output are
not usually needed.


Similar Part No. - GM6603-ATB3T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6603-ATB3T ETC2-GM6603-ATB3T Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603-ATB3T GAMMA-GM6603-ATB3T Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6603-ATB3T GAMMA-GM6603-ATB3T Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
More results

Similar Description - GM6603-ATB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603_1 Datasheet
159Kb / 11P
   3.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
LR3866 UTC-LR3866 Datasheet
241Kb / 6P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_14 Datasheet
316Kb / 7P
   3.0A LOW DROPOUT LINEAR REGULATOR
LR3966 UTC-LR3966_12 Datasheet
202Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
B1085 ETC-B1085 Datasheet
37Kb / 3P
   3.0A Low Dropout Voltage Regulator
logo
Unisonic Technologies
LR3966 UTC-LR3966 Datasheet
200Kb / 5P
   3.0A LOW DROPOUT LINEAR REGULATOR
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
HTC Korea TAEJIN Techno...
TJ3966 HTC-TJ3966 Datasheet
292Kb / 11P
   3.0A Ultra Low Dropout Linear Regulator
logo
Texas Instruments
TPS74401 TI-TPS74401 Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
logo
Calogic, LLC
CLM2830 CALOGIC-CLM2830 Datasheet
40Kb / 4P
   3.0A Low Dropout Voltage Regulator Adjustable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com