Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6355-AST25RG Datasheet(PDF) 5 Page - Gamma Microelectronics Inc.

Part # GM6355-AST25RG
Description  300mA LOW NOISE CMOS LDO WITH ENABLE FUNCTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GAMMA [Gamma Microelectronics Inc.]
Direct Link  http://www.gammamicro.com.tw/
Logo GAMMA - Gamma Microelectronics Inc.

GM6355-AST25RG Datasheet(HTML) 5 Page - Gamma Microelectronics Inc.

  GM6355-AST25RG Datasheet HTML 1Page - Gamma Microelectronics Inc. GM6355-AST25RG Datasheet HTML 2Page - Gamma Microelectronics Inc. GM6355-AST25RG Datasheet HTML 3Page - Gamma Microelectronics Inc. GM6355-AST25RG Datasheet HTML 4Page - Gamma Microelectronics Inc. GM6355-AST25RG Datasheet HTML 5Page - Gamma Microelectronics Inc. GM6355-AST25RG Datasheet HTML 6Page - Gamma Microelectronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
GM6355
300mA LOW NOISE CMOS LDO
WITH ENABLE FUNCTION
Pad Layout
0.028
1.0
(Inches )
0.039
0.094
2.4
0.037
0.95
0.037
0.95
0.074
1.9
0.7
mm
0.13
0~0.1
0.8 ± 0.05
2.9 ± 0.1
2.8 ±
0.35 ± 0.03
1.9 ± 0.05
0.95 ± 0.038
1.5 ± 0.05
0.1
0.65 ± 0.05
1.10 ± 0.1
Unit:mm
Package Outline Dimensions – SOT 25


Similar Part No. - GM6355-AST25RG

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350 Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST23RG GAMMA-GM6350-1.5ST23RG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5ST89R GAMMA-GM6350-1.5ST89R Datasheet
161Kb / 5P
   300mA LOW DROPOUT CMOS VOLTAGE REGULATORS
GM6350-1.5ST89RG GAMMA-GM6350-1.5ST89RG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6350-1.5T92BG GAMMA-GM6350-1.5T92BG Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6355-AST25RG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9012 TSC-TS9012 Datasheet
221Kb / 5P
   300mA Low Quiescent Current CMOS LDO with Enable Function
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
   300mA CMOS LDO with Enable
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
   300mA CMOS LDO WITH ENABLE
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
   300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
   300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
   300mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
   300mA CMOS LDO with Enable
TS9015 TSC-TS9015_13 Datasheet
117Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
TS9015 TSC-TS9015 Datasheet
79Kb / 5P
   300mA CMOS LDO 0.9V Adjustable Voltage with Enable Function
logo
List of Unclassifed Man...
CM2838 ETC-CM2838 Datasheet
193Kb / 10P
   300mA LOW ESR CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com